전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX16805 데이터시트(PDF) 14 Page - Maxim Integrated Products

부품명 MAX16805
상세설명  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16805 데이터시트(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16805 Datasheet HTML 10Page - Maxim Integrated Products MAX16805 Datasheet HTML 11Page - Maxim Integrated Products MAX16805 Datasheet HTML 12Page - Maxim Integrated Products MAX16805 Datasheet HTML 13Page - Maxim Integrated Products MAX16805 Datasheet HTML 14Page - Maxim Integrated Products MAX16805 Datasheet HTML 15Page - Maxim Integrated Products MAX16805 Datasheet HTML 16Page - Maxim Integrated Products MAX16805 Datasheet HTML 17Page - Maxim Integrated Products MAX16805 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Binning Adjustment Register (0x00)
The Binning Adjustment register is a 4-bit register that
sets the differential regulation voltage reference
between CS+ and CS-. Only the first 4 bits of the data
byte update the Binning Adjustment register. The
remaining 4 bits are ignored. See Table 3. The factory-
default register value is 198mV.
Ramp Peak Register (0x01), MAX16806
The Ramp Peak register is a 3-bit register that sets the
maximum peak value of an internally 200Hz generated
ramp. The ramp signal can be programmed for a peak
value of 1.55V to 2.88V. Only the first 3 bits of the data
byte update the Ramp Peak register. The remaining 5
bits are ignored (see Table 4). The factory-default reg-
ister value is 2.88V.
LED Current Foldback Threshold
(LED_CFT) Register (0x02)
LED_CFT is a 4-bit register that sets the threshold for
the onset of the LED current foldback operation. Only
the first 3 bits of the data byte program the LED_CFT
register. Bit 3, not shown in Table 5, sets the LED cur-
rent foldback range.
The MAX16805/MAX16806 start dimming the LED cur-
rent when the input voltage exceeds the LED current
foldback threshold. For bit 3 = 0, the dimming range is
1.2 times the programmed ramp peak voltage. For bit 3
= 1, the dimming range is 2.4 times the programmed
ramp peak. To disable the LED current foldback feature
of the MAX16805/MAX16806 connect CFT to GND. The
factory-default register value is 16V.
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
14
______________________________________________________________________________________
REGULATION
VOLTAGE (mV)
BIT 3
BIT 2
BIT 1
BIT 0
HEX
103.0
0000
(0x00)
109.0
0001
(0x01)
115.4
0010
(0x02)
121.8
0011
(0x03)
128.2
0100
(0x04)
134.6
0101
(0x05)
141.0
0110
(0x06)
147.4
0111
(0x07)
153.7
1000
(0x08)
160.1
1001
(0x09)
166.5
1010
(0x0A)
173.0
1011
(0x0B)
179.3
1100
(0x0C)
185.7
1101
(0x0D)
192.1
1110
(0x0E)
198.0
1111
(0x0F)
Table 3. Binning Adjustment
RAMP END
POINT (V)
BIT 2
BIT 1
BIT 0
HEX
1.55
0
0
0
(0x00)
1.74
0
0
1
(0x01)
1.93
0
1
0
(0x02)
2.12
0
1
1
(0x03)
2.32
1
0
0
(0x04)
2.51
1
0
1
(0x05)
2.70
1
1
0
(0x06)
2.88
1
1
1
(0x07)
Table 4. Ramp Peak Value
CURRENT
FOLDBACK
THRESHOLD (V)
BIT 2
BIT 1
BIT 0
HEX
16.4
0
0
0
(0x00)
15.7
0
0
1
(0x01)
15.0
0
1
0
(0x02)
14.3
0
1
1
(0x03)
13.5
1
0
0
(0x04)
12.8
1
0
1
(0x05)
12.1
1
1
0
(0x06)
11.4
1
1
1
(0x07)
Table 5. LED Current Foldback Threshold


유사한 부품 번호 - MAX16805

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
More results

유사한 설명 - MAX16805

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com