전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA1A-TP2 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 SA1A-TP2
상세설명  High-Speed, Slim Style Photoelectric Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SA1A-TP2 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  SA1A-TP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA1A-TP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA1A-TP2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA1A-TP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA1A-TP2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Sensors
SA1A and SA1B: High-Speed, Slim Style Photoelectric Sensors
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
Q-49
Q
0.87"
(22mm)
1.50"
(38mm)
0.79" (20mm)
0.12"
(3mm)
0.63"
(16mm)
Center of
Projection
Through-Beam
0.65" (16.5mm)
Diffuse-Reflected
0.75"
(19mm)
0.30"
(7.5mm)
0.22"
(5.5mm)
0.22"
(5.5mm)
Ø 0.126" x 0.28" Deep
(3.2 x 7.1mm)
0.31"
(8mm)
Two Places
0.07"
(1.8mm)
0.04"
(1mm)
0.98"
(25mm)
0.43"
(11mm)
0.55" to 0.87"
(14 to 22mm)
0.39"
(10mm)
0.04"
(1mm)
0.04"
(1mm)
0.98"
(25mm)
0.43"
(11mm)
0.71"
(18mm)
0.75"
(19mm)
0.30"
(7.5mm)
0.22"
(5.5mm)
0.22"
(5.5mm)
Ø 0.126" x 0.28" Deep
(3.2 x 7.1mm)
Two Places
Center of
Projection
0.83" (21mm)
Through-Beam
0.69" (17.5mm)
Diffuse-Reflected
0.87"
(22mm)
1.42"
(36mm)
0.12"
(3mm)
0.63"
(16mm)
Ø 0.12"
(M3)
Two Places
SA1A (Broad View):
SA1B (Narrow View):
Through-Beam and Diffuse-Reflected Light
Through-Beam and Diffuse-Reflected Light
0.76"
0.24"
(6.1mm)
0.18"
(4.5mm)
0.35"
(9mm)
x 0.20"
(5mm)
(19.2mm)
0.28"
(7mm)
Part No. SA9Z–
Ø 0.02" (0.5mm)
Ø 0.04" (1.0mm)
Ø 0.08" (2mm)
S01:
S02:
S03:
Long Slot
Option with Slit:
Modify Beam Size of
Through-Beam Sensor
Two Places
2. For through-beam sensors, dimensions
for the projector and receiver are the
same. On all sensors, the cord is Ø
0.16" x 6' – 6-3/4" long (Ø 4mm x 2m).
Dimensions


유사한 부품 번호 - SA1A-TP2

제조업체부품명데이터시트상세설명
logo
Semikron International
SA1A SEMIKRON-SA1A Datasheet
147Kb / 2P
   Standard Avalanche Diodes
SA1A SEMIKRON-SA1A Datasheet
188Kb / 2P
   Standard Avalanche Diodes
SA1A SEMIKRON-SA1A_09 Datasheet
188Kb / 2P
   Standard Avalanche Diodes
More results

유사한 설명 - SA1A-TP2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
M186E ETC2-M186E Datasheet
172Kb / 8P
   Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com