전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL393ID 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TL393ID
상세설명  DUAL DIFFERENTIAL COMPARATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL393ID 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TL393ID Datasheet HTML 2Page - Texas Instruments TL393ID Datasheet HTML 3Page - Texas Instruments TL393ID Datasheet HTML 4Page - Texas Instruments TL393ID Datasheet HTML 5Page - Texas Instruments TL393ID Datasheet HTML 6Page - Texas Instruments TL393ID Datasheet HTML 7Page - Texas Instruments TL393ID Datasheet HTML 8Page - Texas Instruments TL393ID Datasheet HTML 9Page - Texas Instruments TL393ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TL393, TL393Y
DUAL DIFFERENTIAL COMPARATORS
SLCS120A – AUGUST 1993 – REVISED DECEMBER 1993
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TL393Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 1.4 V,
1.5
5
mV
VICR
Common-mode input voltage range
0 to
VCC – 1.5
0 to
VCC – 1.2
V
VOL
Low-level output voltage
VID = –1 V,
IOL = 1 mA
70
300
mV
IIO
Input offset current
VO = 1.4 V
5
50
nA
IIB
Input bias current
VO = 1.4 V
–40
– 250
nA
IOH
High-level output current
VID = 1 V,
VOH = 3 V
0.1
nA
IOL
low-level output current
VID = –1 V,
VOL = 1.5 V
6
mA
ICCH
High-level supply current
VO = VOH
140
200
µA
ICCL
Low-level supply current
VO = VOL
0.8
1
mA
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
TL393Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
100-mV input step with 5-mV overdrive,
RL connected to 5 V through 5.1 kΩ
0.65
µs
Response time
TTL-level input step,
RL connected to 5 V through 5.1 kΩ
0.2
µs
TYPICAL CHARACTERISTICS
Figure 1
0
0.5
1
1.5
2
2.5
LOW- TO HIGH-LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
tPLH – Low- to High-Level Output
Response Time –
µs
VCC = 5 V
TA = 25°C
5
0
100
0
40 mV
20 mV
10 mV
5 mV
2 mV
Figure 2
40 mV
20 mV
10 mV
5 mV
2 mV
HIGH- TO LOW-LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
tPHL – High- to Low-Level Output
Response Time –
µs
5
0
100
0
0
0.2
0.4
0.6
0.8
VCC = 5 V
TA = 25°C


유사한 부품 번호 - TL393ID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL393ID TI-TL393ID Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TL393IDR TI-TL393IDR Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

유사한 설명 - TL393ID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com