전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WHM2040AE 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 WHM2040AE
상세설명  1.8 - 4.0 GHz LOW NOISE AMPLIFIER WHM2040AE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

WHM2040AE 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  WHM2040AE Datasheet HTML 1Page - List of Unclassifed Manufacturers WHM2040AE Datasheet HTML 2Page - List of Unclassifed Manufacturers WHM2040AE Datasheet HTML 3Page - List of Unclassifed Manufacturers WHM2040AE Datasheet HTML 4Page - List of Unclassifed Manufacturers WHM2040AE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.wantcominc.com
REV B
Small Signal S-Parameters:
!WHM2040AE
!s-parameters at Vdd=5V, Idd=50 mA, including the test board.
!Last updated 1/26/04.
# GHZ s MA R 50
!F(GHz)
MAG S11 ANG S11 MAG S21 ANG S21 MAG S12 ANG S12 MAG S22 ANG S22
0.05
0.995
-17.7
0.003
3.7
0.000020 -40.6
0.984
-15.8
0.1
0.984
-31.3
0.026
-13.3
0.000054 -141.2
0.953
-25.8
0.2
0.796
-89.4
0.406
-80.2
0.000266 -159.6
0.881
-49.4
0.3
0.470
46.1
1.145
-151.6
0.000669 97.3
0.808
-71.1
0.4
0.835
-30.9
1.795
161.7
0.000676 55.8
0.745
-92.3
0.5
0.862
-61.3
2.476
140.4
0.000870 30.6
0.684
-115.5
0.6
0.846
-85.1
3.778
125.1
0.001285 1.3
0.598
-140.9
0.7
0.818
-106.6
6.112
106.0
0.001660 -30.9
0.486
-166.7
0.8
0.773
-127.8
9.485
80.7
0.001956 -68.4
0.357
169.4
0.9
0.721
-149.5
13.289
52.7
0.002356 -101.4
0.240
150.2
1
0.648
-172.4
16.899
23.7
0.002695 -131.7
0.154
136.9
1.1
0.560
164.2
19.914
-4.6
0.002946 -159.5
0.091
132.0
1.2
0.463
140.9
22.149
-31.8
0.003186 178.6
0.059
145.2
1.3
0.366
117.3
23.560
-57.2
0.003406 158.6
0.055
162.3
1.4
0.276
94.1
24.222
-80.9
0.003666 139.8
0.069
169.1
1.5
0.202
69.9
24.349
-102.8
0.003783 125.3
0.085
162.1
1.6
0.142
43.6
24.062
-123.2
0.003929 110.3
0.096
151.0
1.7
0.102
12.7
23.591
-142.2
0.004076 97.2
0.104
137.6
1.8
0.075
-26.8
22.980
-160.0
0.004189 85.5
0.112
124.8
1.9
0.073
-69.0
22.424
-176.9
0.004341 73.3
0.118
111.8
2
0.080
-99.7
21.911
166.9
0.004419 63.5
0.122
96.5
2.1
0.089
-125.1
21.401
151.5
0.004493 54.8
0.122
84.2
2.2
0.104
-145.3
20.886
136.7
0.004453 45.0
0.126
71.4
2.3
0.111
-160.8
20.472
122.1
0.004527 37.8
0.126
58.1
2.4
0.121
-177.0
20.070
107.8
0.004541 29.5
0.126
45.6
2.5
0.126
171.6
19.762
93.5
0.004538 23.2
0.125
32.4
2.6
0.132
158.6
19.520
79.9
0.004540 14.8
0.127
20.7
2.7
0.133
143.6
19.328
66.5
0.004491 7.3
0.127
7.5
2.8
0.134
132.3
19.092
52.9
0.004439 -0.6
0.122
-4.3
2.9
0.139
122.4
18.925
39.3
0.004433 -6.9
0.124
-16.7
3
0.136
110.1
18.817
25.8
0.004373 -15.3
0.122
-28.5
3.1
0.132
96.2
18.763
12.5
0.004198 -21.0
0.114
-43.3
3.2
0.127
81.5
18.668
-1.0
0.004182 -27.8
0.109
-58.0
3.3
0.126
71.7
18.716
-14.6
0.004042 -36.9
0.106
-73.3
3.4
0.125
54.9
18.799
-28.1
0.003727 -44.3
0.097
-92.8
3.5
0.120
37.7
18.856
-41.6
0.003602 -49.7
0.087
-112.2
3.6
0.118
18.1
18.933
-55.5
0.003230 -57.5
0.085
-139.3
3.7
0.123
1.9
19.053
-69.7
0.003022 -65.9
0.085
-169.7
3.8
0.129
-23.0
19.194
-84.4
0.002609 -77.0
0.095
158.6
3.9
0.150
-44.0
19.289
-99.4
0.002113 -87.1
0.116
127.9
4
0.166
-65.7
19.264
-114.6
0.001530 -106.4
0.147
104.6
4.1
0.195
-84.7
19.162
-130.2
0.000738 -132.0
0.196
81.3
4.2
0.234
-103.7
18.900
-146.0
0.000544 162.3
0.245
59.8
4.3
0.284
-121.1
18.448
-162.4
0.000944 95.7
0.301
41.1
4.4
0.327
-139.0
17.832
-179.3
0.001836 71.4
0.366
23.3
4.5
0.368
-155.2
17.093
164.2
0.002697 57.0
0.432
6.2
5
0.582
127.6
11.628
82.4
0.006909 -3.4
0.677
-71.5
5.5
0.720
57.3
6.807
7.7
0.009219 -45.2
0.782
-132.3
6
0.791
-6.1
4.135
-57.8
0.009532 -82.3
0.815
174.2
******


유사한 부품 번호 - WHM2040AE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
WHM2535-12AE ETC-WHM2535-12AE Datasheet
260Kb / 5P
   2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE
More results

유사한 설명 - WHM2040AE

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC-C045 HITTITE-HMC-C045 Datasheet
293Kb / 6P
   LOW NOISE AMPLIFIER MODULE, 1.8 - 4.2 GHz
logo
Motorola, Inc
MRFIC1814 MOTOROLA-MRFIC1814 Datasheet
79Kb / 4P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER
logo
HBH Microwave GmbH
HA7002 HBH-HA7002 Datasheet
25Kb / 1P
   4.0 - 26.5 GHz Ultra Wide Band Low Noise Amplifier
logo
API Technologies Corp
TM5853 APITECH-TM5853 Datasheet
635Kb / 1P
   RF Amplifier Low Noise: <1.8 dB
logo
Motorola, Inc
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com