전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM259X-L35 데이터시트(PDF) 1 Page - PCA ELECTRONICS INC.

부품명 LM259X-L35
상세설명  Thru-Hole Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

LM259X-L35 데이터시트(HTML) 1 Page - PCA ELECTRONICS INC.

  LM259X-L35 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for National’s LM267X & LM259X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 150 KHz & 500 KHz Switching Frequency
• Low Cost Inductor
EPI AC3 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAC3
Rev. 5
2/22/05 FT
27
27
40
38
60
60
87
87
91
91
128
194
265
Induct.
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Typ.)
0.025
0.025
0.038
0.046
0.074
0.074
0.090
0.090
0.091
0.091
0.110
0.260
0.394
Vt1
(V-µSec)
150 KHz
---
---
---
33.4
40.0
---
46.7
---
26.7
---
55.4
56.7
73.4
@ Vt1
°C (Typ.)
---
---
---
31
42
---
37
---
43
---
33
43
39
Induct.
(µH 15%)
@ Idc
22
22
33
33
47
47
68
68
68
68
100
150
220
Part
Number
EPI220502AC3
EPI330402AC3
EPI330352AC3
EPI470352AC3
EPI680302AC3
EPI680352AC3
EPI101252AC3
EPI151202AC3
EPI221152AC3
Core Loss
Idc
(mA)
5000
5000
4000
3500
3500
3500
3000
3000
3500
3500
2500
2000
1500
Vt2
(V-µSec)
260 KHz
23.1
23.1
27.0
---
---
28.5
---
30.8
---
12.7
---
---
--
National
Semiconductor
Chip
LM267X-L41
LM267X-L50
LM267X-L40
LM259X-L40
LM259X-L39
LM267X-L39
LM259X-L38
LM267X-L38
LM267X-L44
LM259X-L44
LM259X-L37
LM259X-L36
LM259X-L35
@ Vt2
°C (Typ.)
35
35
34
---
---
42
---
37
---
44
---
---
---
Temp.Rise
---
---
---
210
185
---
155
---
45
---
155
113
134
@ Vt1
(mW)
@ Vt2
(mW)
290
290
260
---
---
185
---
155
---
60
---
---
--
Package AC3
.950
Max.
(24.13)
.110/.150
(2.79/3.81)
.840
Max.
(21.33)
.300
(7.62)
.470
Max.
(11.94)
.300
(7.62)
Pad Layout
.060 Ø
(1.52)
.415
(10.54)
Applications
Vin
Vout
LX
µH
D1
8V-40V
Cin
Cout
CB
10nF
FB
Vsw
Gnd
On/Off
LM267X
+
+
+Vin
Regulated
Output
Load
LX
µH
D1
1N5822
Cin
Cout
Feedback
Output
Vsw
On/Off
Gnd
LM259X
+
+
Unregulated
DC Input
Package AC3V
.375 ± .125
(9.53 ± 3.18)
.840
Max.
(21.33)
Pad Layout
.280
(7.11)
.060 Ø
(1.52)
.470 Max.
(11.94)
.280
(7.11)
Package AC3H
.375 ± .125
(9.53 ± 3.18)
.840
Max.
(21.33)
Pad Layout
.720
(18.29)
.060 Ø
(1.52)
.840
Max.
(21.33)
.720
(18.29)
For no header version : add “V” for Vertical Mount and add “H” for Horizonal Mount


유사한 부품 번호 - LM259X-L35

제조업체부품명데이터시트상세설명
logo
PCA ELECTRONICS INC.
LM259X-L35 PCA-LM259X-L35 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
logo
Pulse A Technitrol Comp...
LM259X-L35 PULSE-LM259X-L35 Datasheet
97Kb / 2P
   Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0
LM259X-L35 PULSE-LM259X-L35 Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
LM259X-L35 PULSE-LM259X-L35 Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
LM259X-L35 PULSE-LM259X-L35 Datasheet
120Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
More results

유사한 설명 - LM259X-L35

제조업체부품명데이터시트상세설명
logo
PCA ELECTRONICS INC.
EPI330552AC4 PCA-EPI330552AC4 Datasheet
89Kb / 1P
   Thru-Hole Power Inductor
EPI0L8433A106 PCA-EPI0L8433A106 Datasheet
43Kb / 1P
   Thru-Hole Power Inductor
EPI100113AVM2 PCA-EPI100113AVM2 Datasheet
61Kb / 1P
   Thru-Hole Power Inductor
EPI151172AH50 PCA-EPI151172AH50 Datasheet
34Kb / 1P
   Thru-Hole Power Inductor
EPI100133AVM3 PCA-EPI100133AVM3 Datasheet
61Kb / 1P
   Thru-Hole Power Inductor
EPI500272AVM1 PCA-EPI500272AVM1 Datasheet
62Kb / 1P
   Thru-Hole Power Inductor
EPI100452AC1 PCA-EPI100452AC1 Datasheet
90Kb / 1P
   Thru-Hole Power Inductor
EPI221302AC5 PCA-EPI221302AC5 Datasheet
36Kb / 1P
   Thru-Hole Power Inductor
EPI151172AV50 PCA-EPI151172AV50 Datasheet
34Kb / 1P
   Thru-Hole Power Inductor
EPI100502AC2 PCA-EPI100502AC2 Datasheet
38Kb / 1P
   Thru-Hole Power Inductor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com