전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP1340 데이터시트(PDF) 1 Page - Chicago Miniature Lamp,inc

부품명 HLMP1340
상세설명  T-100 (T-1) Non-Diffused Lens LED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CML [Chicago Miniature Lamp,inc]
홈페이지  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

HLMP1340 데이터시트(HTML) 1 Page - Chicago Miniature Lamp,inc

  HLMP1340 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
T-100 (T-1) Non-Diffused Lens LED Lamps
EL ECTRO-OP TIC A L C HA R A C TERISTICS A ND R A TINGS
585
585
585
585
3.0
3.0
3.0
3.0
2.1
2.1
2.1
2.2
35
35
35
35
8.0
4.0
12.0
60.0
6.0
3.0
6.0
24.0
Y ellow
Y ellow
Y ellow
Y ellow
(V )
Max.
(V )
Typ.
(mcd)
Typ.
(mcd)
Min.
(degrees )
Angle
Viewing
(nm)
Wavelength
Peak
Forward V oltage
Luminous Intens ity
Emitted
Color
Part Number
HLMP 1440
C MD5360
C MD53621
CMD53622
Color
Lens
Pale T int
Pale T int
Y ellow
Y ellow
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Package
Type
635
565
565
565
3.0
3.0
3.0
3.0
2.2
2.1
2.1
2.2
35
35
35
35
60.0
12.0
12.0
60.0
24.0
6.0
6.0
24.0
H.E .R ed
H.E .G reen
H.E .G reen
H.E .G reen
HLMP 1540
C MD5460
C MD54624
HLMP 1340
Pale T int
Pale T int
G reen
Pale T int
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
635
635
635
635
3.0
3.0
3.0
3.0
2.0
2.0
2.0
2.0
35
35
35
35
12.0
4.0
2.0
12.0
6.0
3.0
1.5
6.0
H.E .R ed
H.E .R ed
H.E .R ed
H.E .R ed
C MD5760
C MD57620
C MD57621
C MD57622
Pale T int
Red
Red
Red
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
A B SOL UTE M A X IMUM R A TINGS
Power Dissipation............................................................................................................... .........120 mW
Operating/Storage Temperature............................................................................................-55 to +100°C
cyc le)...................................................................................90mA
Reverse Voltage (IR=100
µA)..............................................................................................................5.0V
Forward Current................................................................................................................. ............30mA
Lead Solder Time at 260°C.........................................................................................................5 seconds
This series of lamps offers both standard and ultra-bright
devices. The HLMP1X40 devices are pin for pin replacements
for Hewlett Packard lamps. All lamps are tinted to some
degree to aid in their identification. These lamps feature high
efficiency GaP based chips, 2.54mm lead spacing,
T-1 diameter and wide view angles. These lamps are excellent
replacements for the HLMP-1X20/1 series.
CAT HODE
2.54
±0.25
SQ. T Y P .
0.46
±0.08
2.92
±0.25
RE F .
1.02
RE F .
1.27
MIN.
25.4
5.72
±0.64
4.45
±0.25
3.18
±0.25
All dimensions in mm.
Peak Forward Current (1
µs @ 0.3% duty
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


유사한 부품 번호 - HLMP1340

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HLMP1301 ETC2-HLMP1301 Datasheet
206Kb / 2P
   STANDARD LED, ROUND LENS, 3MM (T1), RED EMILTTING COLOR
logo
Fairchild Semiconductor
HLMP1302 FAIRCHILD-HLMP1302 Datasheet
266Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
More results

유사한 설명 - HLMP1340

제조업체부품명데이터시트상세설명
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
List of Unclassifed Man...
SSL-LX3044ID ETC1-SSL-LX3044ID Datasheet
53Kb / 1P
   T-3mm (T-1) 635nm RED LED. RED DIFFUSED LENS.
logo
LUMEX INC.
SSL-LX3044YD LUMEX-SSL-LX3044YD Datasheet
53Kb / 1P
   T-3MM (T-1) 585MM YELLOW LED TELLOW DIFFUSED LENS
logo
List of Unclassifed Man...
SSL-LX3044AD ETC1-SSL-LX3044AD Datasheet
48Kb / 1P
   T-3mm (T-1) 605mm AMBER LED, AMBER DIFFUSED LENS
SSL-LX3044GD ETC1-SSL-LX3044GD Datasheet
49Kb / 1P
   T-3mm 565nm GREEN LED, GREEN DIFFUSED LENS
logo
LUMEX INC.
SSI-LXR1612YD LUMEX-SSI-LXR1612YD Datasheet
58Kb / 1P
   T-3MM (T-1) 585MM YELLOW LED TELLOW DIFFUSED LENS
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com