전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3402HVMMX 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3402HVMMX
상세설명  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402HVMMX 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  LM3402HVMMX Datasheet HTML 1Page - National Semiconductor (TI) LM3402HVMMX Datasheet HTML 2Page - National Semiconductor (TI) LM3402HVMMX Datasheet HTML 3Page - National Semiconductor (TI) LM3402HVMMX Datasheet HTML 4Page - National Semiconductor (TI) LM3402HVMMX Datasheet HTML 5Page - National Semiconductor (TI) LM3402HVMMX Datasheet HTML 6Page - National Semiconductor (TI) LM3402HVMMX Datasheet HTML 7Page - National Semiconductor (TI) LM3402HVMMX Datasheet HTML 8Page - National Semiconductor (TI) LM3402HVMMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings
(LM3402)(Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
-0.3V to 45V
BOOT to GND
-0.3V to 59V
SW to GND
-1.5V
BOOT to VCC
-0.3V to 45V
BOOT to SW
-0.3V to 14V
VCC to GND
-0.3V to 14V
DIM to GND
-0.3V to 7V
CS to GND
-0.3V to 7V
RON to GND
-0.3V to 7V
Junction Temperature
150˚C
Storage Temp. Range
-65˚C to 125˚C
ESD Rating (Note 2)
2kV
Soldering Information
Lead Temperature (Soldering,
10sec)
260˚C
Infrared/Convection Reflow (15sec)
235˚C
Operating Ratings
(LM3402) (Note 1)
V
IN
6V to 42V
Junction Temperature Range
−40˚C to +125˚C
Thermal Resistance
θ
JA (Note 3)
200˚C/W
Absolute Maximum Ratings
(LM3402HV)(Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
-0.3V to 76V
BOOT to GND
-0.3V to 90V
SW to GND
-1.5V
BOOT to VCC
-0.3V to 76V
BOOT to SW
-0.3V to 14V
VCC to GND
-0.3V to 14V
DIM to GND
-0.3V to 7V
CS to GND
-0.3V to 7V
RON to GND
-0.3V to 7V
Junction Temperature
150˚C
Storage Temp. Range
-65˚C to 125˚C
ESD Rating (Note 2)
2kV
Soldering Information
Lead Temperature (Soldering,
10sec)
260˚C
Infrared/Convection Reflow (15sec)
235˚C
Operating Ratings
(LM3402HV) (Note 1)
V
IN
6V to 75V
Junction Temperature Range
−40˚C to +125˚C
Thermal Resistance
θ
JA (Note 3)
200˚C/W
www.national.com
3


유사한 부품 번호 - LM3402HVMMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3402HVMMX NSC-LM3402HVMMX Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMMX TI1-LM3402HVMMX Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMMX TI-LM3402HVMMX Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMMX TI1-LM3402HVMMX Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
LM3402HVMMX/NOPB TI1-LM3402HVMMX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

유사한 설명 - LM3402HVMMX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com