전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA407B3B 데이터시트(PDF) 2 Page - CTS Corporation

부품명 LA407B3B
상세설명  METAL CASE, CASE-MOUNTED SEMICONDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

LA407B3B 데이터시트(HTML) 2 Page - CTS Corporation

  LA407B3B Datasheet HTML 1Page - CTS Corporation LA407B3B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
CTS IERC PART NO.
Unplated
Comm'l. Black
Anodize
Mil. Black
Anodize
Semiconductor
Accommodated
Hole patt. ref.
no.
Max. Weight
(Grams)
LA000B3U
LAT03B3U
LAIC3B3U
LA407B3U
LA394B3U
LA000B3CB
LAT03B3CB
LAIC3B3CB
LA407B3CB
LA394B3CB
LA000B3B
LAT03B3B
LAIC3B3B
LA407B3B
LA394B3B
Undrilled
TO-3
TO-3 IC
TO-3 (4-pin)
Universal
--
2
4
5
8
10.8
10.8
10.8
10.8
10.8
HOLE PATTERNS
2. Hole Pattern no. 236 accommodates TO-3s. Available in LA-
B series heat dissipators only.
4. Hole pattern no. 237 accommodates To-3 ICs. Available in
LA-B series heat dissipators only.
5. Hole pattern no. 407 accommodates TO-3s (4-pin). Available
in LA-B series heat dissipators only.
8. Hole pattern no. 394 (universal) accommodates TO-3s, TO-
66s, TO-126s, TO-127s, or T)-220s. Available in LA-B series
heat dissipators only.
CTS IERC, Heat Sinks and Thermal Management Solutions
413 North Moss Street, Burbank, California 91502
Tel: (818) 842-7277
Fax: (818) 848-8872
Rev. 08-29-03


유사한 부품 번호 - LA407B3B

제조업체부품명데이터시트상세설명
logo
CTS Corporation
LA407B4B CTS-LA407B4B Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B4CB CTS-LA407B4CB Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B4U CTS-LA407B4U Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results

유사한 설명 - LA407B3B

제조업체부품명데이터시트상세설명
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A2 CTS-LA-A2 Datasheet
151Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA363B5 CTS-LA363B5 Datasheet
155Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP1 CTS-HP1 Datasheet
541Kb / 7P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
   HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com