전자부품 데이터시트 검색엔진 |
|
742X083111FP 데이터시트(PDF) 4 Page - CTS Corporation |
|
742X083111FP 데이터시트(HTML) 4 Page - CTS Corporation |
4 / 5 page Recommended tter Land Pa ns E nm erformance Spec DIM N /in ENSIO S mm SERIES A B C D 1.00 0.65 0.33 0.50 741X043 0.039 0.026 0.013 0.020 1.00 0.50 0.30 0.50 741X083 0.039 0.020 0.012 0.020 1.00 0.50 0.28 0.50 A B C D 741C083 0.039 0.020 0.011 0.020 1.60 0.50 0.30 0.80 741X163 0.063 0.020 0.012 0.031 1.60 0.80 0.50 0.90 742 0.063 0.032 0.020 0.035 2.00 1.27 0.80 1.00 743 0.079 0.050 0.031 0.051 3.20 1.27 0.80 1.00 744 0.126 0.050 0.031 0.039 3.20 1.27 0.90 1.30 745 0.126 0.050 0.035 0.039 1.65 0.64 0.35 0.80 746 0.065 0.025 0.014 0.032 nviro ental P ifications Max. Delta R Test 741 742-746 Test Description Thermal Cycle 1.00% 1.00% 5 Cycles -55°C to +125°C Short Time Overload 2.50% 1.00% 2½ X onds R c ated Working Voltage for 5 Se Moisture Resistance 5.00% 2.00% 240 Hours 1 , 90% R.H. 0% rated load, -10°C to +65°C Hig 1.00% 1.00% h Te posure mperature Ex 1000 Hours, no load, +125°C Load Life 5.00% 2.00% 1000 Hours @ 70°C, rated load Resistance to Solder Heat 2.50% 1.00% 10 Seconds @ 260°C solder Resistance to Solvents ol, Freon TMC Isopropyl alcoh Solderability RMA Flux, 230°C, 5 Seconds dip, 95% coverage Page 4 of 5 May 2006 CTS Electronic Components www.ctscorp.com |
유사한 부품 번호 - 742X083111FP |
|
유사한 설명 - 742X083111FP |