์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

743C043120XP ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - CTS Corporation

๋ถ€ํ’ˆ๋ช… 743C043120XP
์ƒ์„ธ๋‚ด์šฉ  Chip Resistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  CTS [CTS Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.ctscorp.com
Logo 

743C043120XP ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - CTS Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 3 / 5 page
background image
Types of Circuits
741C083
4 Resistors
8 Terminations
741X043
2 Resistors
4 Terminations
741X083
4 Resistors
8 Terminations
741X163
8 Resistors
16 Terminations
745C101
8 Resistors
10 Terminations
745C102
8 Resistors
10 Terminations
PAD 1 Mark
PAD 1 Mark
(Dot)
(Triangle)
742C163
8 Resistors
16 Terminations
742C083
4 Resistors
8 Terminations
742C043
2 Resistors
4 Terminations
745X101
8 R es isto rs
10 T er m ina tio ns
745X102
8 R es isto rs
10 T er m ina tio ns
C om m on Pad
D esignator
50 m il pitch (1.27m m )
N ote: T he Marking Concept for Convex and
C onc ave Series 745 is Different.
742X083
4 Resistors
8 Terminations
743C083
4 Resistors
8 Terminations
743C043
2 Resistors
4 Terminations
744C043
2 Resistors
4 Terminations
746X 101
8 R esistors
10 Term inations
744C083
4 Resistors
8 Terminations
Page
May 2006
CTS Electronic Components
ctscorp.com
3 of 5
www.


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
CAT16Chip Resistor Arrays 1 2 3 4 Bourns Electronic Solutions
CAT25Thick Film Chip Resistor Arrays 1 2 Bourns Electronic Solutions
CAT16-F4CAT/CAY 16 Series-Chip Resistor Arrays 1 2 3 List of Unclassifed Manufacturers
EXB28VChip Resistor Array 1 2 3 4 5 MoreNais(Matsushita Electric Works)
KTR10Endured high voltage fixed thick film chip resistor 1 2 3 4 5 MoreRohm
PACDN1404CESD PROTECTION ARRAYS CHIP SCALE PACKAGE 1 2 3 California Micro Devices Corp
741C083THICK FILM CHIP RESISTORS ARRAYS 1 2 3 4 List of Unclassifed Manufacturers
RK73HPRECISION 0.5% 1% TOLERANCE THICK FILM CHIP RESISTOR 1 2 List of Unclassifed Manufacturers
PACDN1408CESD PROTECTION ARRAYS 8 CHANNEL CHIP SCALE PACKAGE 1 2 3 California Micro Devices Corp
S30RCenter Tap Chip Resistor 1 2 3 Vishay Siliconix

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn