전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8342ACPZ-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8342ACPZ-REEL7
상세설명  Active Receive Mixer LF to 500 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8342ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8342
Rev. 0 | Page 10 of 20
13
3
50
550
RF FREQUENCY (MHz)
12
11
10
9
8
7
6
5
4
100
150
200
250
300
350
400
450
500
10MHz
140MHz
48MHz
90MHz
Figure 15. Input P1dB vs. RF Frequency
10.0
5.0
–15
5
LO LEVEL (dBm)
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
–13
–11
–9
–7
–5
–3
–1
1
3
IF = 10MHz
IF = 48MHz
IF = 90MHz
IF = 140MHz
Figure 16. Input P1dB vs. LO Level, fRF = 238 MHz
10
0
TEMPERATURE (
°C)
9
8
7
6
5
4
3
2
1
–20
0
20
40
60
80
–40
Figure 17. Input P1dB vs. Temperature, fRF = 238 MHz, fLO = 286 MHz
10
0
10
IF FREQUENCY (MHz)
9
8
7
6
5
4
3
2
1
50
100
150
200
250
300
350
RF = 460MHz
RF = 238MHz
Figure 18. Input P1dB vs. IF Frequency
10
0
9
8
7
6
5
4
3
2
1
VPOS (V)
4.75
5.25
4.85
4.95
5.05
5.15
Figure 19. Input P1dB vs. Vpos, fRF = 238 MHz,
fLO = 286 MHz
28
0
8.00
IP1dB (238MHz)
8.60
26
24
22
20
18
16
14
12
10
8
6
4
2
8.05 8.10 8.15 8.20 8.25 8.30 8.35 8.40 8.45 8.50 8.55
NORMAL
MEAN = 8.3
STD. DEV. = 0.07
IP1dB (238MHz)
PERCENTAGE
Figure 20. Input IP3 Distribution, fRF = 238 MHz, fLO = 286 MHz


유사한 부품 번호 - AD8342ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
More results

유사한 설명 - AD8342ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8344 AD-AD8344 Datasheet
429Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
   LF??GHz Wideband Low Power Active Mixer
logo
M/A-COM Technology Solu...
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
   TO-5 Double-Balanced Mixer, 5 - 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com