전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9980KSTZ-95 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9980KSTZ-95
상세설명  High Performance 8-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9980KSTZ-95 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9980KSTZ-95 Datasheet HTML 2Page - Analog Devices AD9980KSTZ-95 Datasheet HTML 3Page - Analog Devices AD9980KSTZ-95 Datasheet HTML 4Page - Analog Devices AD9980KSTZ-95 Datasheet HTML 5Page - Analog Devices AD9980KSTZ-95 Datasheet HTML 6Page - Analog Devices AD9980KSTZ-95 Datasheet HTML 7Page - Analog Devices AD9980KSTZ-95 Datasheet HTML 8Page - Analog Devices AD9980KSTZ-95 Datasheet HTML 9Page - Analog Devices AD9980KSTZ-95 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9980
Rev. 0 | Page 6 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
BAIN0
3
GND
4
BAIN1
7
GND
6
GAIN0
5
VD (3.3V)
1
VD (3.3V)
8
SOGIN0
9
VD (3.3V)
10
GAIN1
12
SOGIN1
13
VD (3.3V)
14
RAIN0
15
GND
16
RAIN1
17
PWRDN
18
REFLO
19
REFCM
20
REFHI
11
GND
59
58
57
54
55
56
60
53
52
BLUE <2>
BLUE <3>
BLUE <4>
BLUE <7>
BLUE <6>
BLUE <5>
BLUE <1>
GND
VDD (3.3V)
51
NC
49
GREEN <0>
48
GREEN <1>
47
GREEN <2>
46
GREEN <3>
45
GREEN <4>
44
GREEN <5>
43
GREEN <6>
42
GREEN <7>
41
DAVDD (1.8)
50
NC
NC = NO CONNECT
21 22 23
24 25 26 27 28 29 30
31 32 33 34 35 36 37 38 39 40
80 79
78
77
76 75 74 73 72 71
70 69 68 67 66 65 64 63 62 61
PIN 1
AD9980
TOP VIEW
(Not to Scale)
Figure 2. Top View (Pin Down)
Table 3. Complete Pinout List
Pin Type
Mnemonic
Function
Value
Pin No.
Inputs
RAIN0
Channel 0 Analog Input for Converter R
0.0 V to 1.0 V
14
RAIN1
Channel 1 Analog Input for Converter R
0.0 V to 1.0 V
16
GAIN0
Channel 0 Analog Input for Converter G
0.0 V to 1.0 V
6
GAIN1
Channel 1 Analog Input for Converter G
0.0 V to 1.0 V
10
BAIN0
Channel 0 Analog Input for Converter B
0.0 V to 1.0 V
2
BAIN1
Channel 1 Analog Input for Converter B
0.0 V to 1.0 V
4
HSYNC0
Horizontal Sync Input for Channel 0
3.3 V CMOS
70
HSYNC1
Horizontal Sync Input for Channel 1
3.3 V CMOS
68
VSYNC0
Vertical Sync Input for Channel 0
3.3 V CMOS
71
VSYNC1
Vertical Sync Input for Channel 1
3.3 V CMOS
69
SOGIN0
Input for Sync-on-Green Channel 0
0.0 V to 1.0 V
8
SOGIN1
Input for Sync-on-Green Channel 1
0.0 V to 1.0 V
12
EXTCK
External Clock Input
3.3 V CMOS
721
CLAMP
External Clamp Input Signal
3.3 V CMOS
73
COAST
External PLL Coast Signal Input
3.3 V CMOS
721
PWRDN
Power-Down Control
3.3 V CMOS
17
Outputs
RED [7:0]
Outputs of Converter R, Bit 7 is the MSB
3.3 V CMOS
28–35
GREEN [7:0]
Outputs of Converter G, Bit 7 is the MSB
3.3 V CMOS
42–49
BLUE [7:0]
Outputs of Converter B, Bit 7 is the MSB
3.3 V CMOS
54–61
DATACK
Data Output Clock
3.3 V CMOS
25


유사한 부품 번호 - AD9980KSTZ-95

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
More results

유사한 설명 - AD9980KSTZ-95

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9984A AD-AD9984A Datasheet
844Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com