전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1D-0505SH60-N 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM1D-0505SH60-N
상세설명  1 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-0505SH60-N 데이터시트(HTML) 2 Page - AIMTEC

  AM1D-0505SH60-N Datasheet HTML 1Page - AIMTEC AM1D-0505SH60-N Datasheet HTML 2Page - AIMTEC AM1D-0505SH60-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
18
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single output
AM1D-N Series
Dual output
12.5
(0.49)
9.8
(0.39)
9.8
(0.39)
12.5
(0.49)
1000 & 3000VDC
6000VDC
OUTLINE DIMENSIONS
Models
Isolation 1000VDC Isolation 3000VDC Isolation 6000VDC
Input
Voltage
Ouput
Voltage
Ouput
Current max.
AM1D-0505S-N
AM1D-0509S-N
AM1D-0512S-N
AM1D-0515S-N
AM1D-1205S-N
AM1D-1209S-N
AM1D-1212S-N
AM1D-1215S-N
AM1D-2405S-N
AM1D-2409S-N
AM1D-2412S-N
AM1D-2415S-N
AM1D-0505SH30-N
AM1D-0509SH30-N
AM1D-0512SH30-N
AM1D-0515SH30-N
AM1D-1205SH30-N
AM1D-1209SH30-N
AM1D-1212SH30-N
AM1D-1215SH30-N
AM1D-2405SH30-N
AM1D-2409SH30-N
AM1D-2412SH30-N
AM1D-2415SH30-N
AM1D-0505SH60-N
AM1D-0509SH60-N
AM1D-0512SH60-N
AM1D-0515SH60-N
AM1D-1205SH60-N
AM1D-1209SH60-N
AM1D-1212SH60-N
AM1D-1215SH60-N
AM1D-2405SH60-N
AM1D-2409SH60-N
AM1D-2412SH60-N
AM1D-2415SH60-N
5VDC
9VDC
12VDC
15VDC
5VDC
9VDC
12VDC
15VDC
5VDC
9VDC
12VDC
15VDC
5V±10%
12V±10%
24V±10%
200mA
110mA
83mA
70mA
200mA
110mA
83mA
70mA
200mA
110mA
83mA
70mA
Models
Isolation 1000VDC Isolation 3000VDC Isolation 6000VDC
Input
Voltage
Ouput
Voltage
Ouput
Current max.
AM1D-0505D-N
AM1D-0509D-N
AM1D-0512D-N
AM1D-0515D-N
AM1D-1205D-N
AM1D-1209D-N
AM1D-1212D-N
AM1D-1215D-N
AM1D-2405D-N
AM1D-2409D-N
AM1D-2412D-N
AM1D-2415D-N
AM1D-0505DH30-N
AM1D-0509DH30-N
AM1D-0512DH30-N
AM1D-0515DH30-N
AM1D-1205DH30-N
AM1D-1209DH30-N
AM1D-1212DH30-N
AM1D-1215DH30-N
AM1D-2405DH30-N
AM1D-2409DH30-N
AM1D-2412DH30-N
AM1D-2415DH30-N
AM1D-0505DH60-N
AM1D-0509DH60-N
AM1D-0512DH60-N
AM1D-0515DH60-N
AM1D-1205DH60-N
AM1D-1209DH60-N
AM1D-1212DH60-N
AM1D-1215DH60-N
AM1D-2405DH60-N
AM1D-2409DH60-N
AM1D-2412DH60-N
AM1D-2415DH60-N
±5VDC
±9VDC
±12VDC
±15VDC
±5VDC
±9VDC
±12VDC
±15VDC
±5VDC
±9VDC
±12VDC
±15VDC
5V±10%
12V±10%
24V±10%
±100mA
±55mA
±42mA
±35mA
±100mA
±55mA
±42mA
±35mA
±100mA
±55mA
±42mA
±35mA


유사한 부품 번호 - AM1D-0505SH60-N

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1D-0505SH60-NZ AIMTEC-AM1D-0505SH60-NZ Datasheet
346Kb / 4P
   1 Watt | DC-DC Converter
More results

유사한 설명 - AM1D-0505SH60-N

제조업체부품명데이터시트상세설명
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com