전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4T-4812SH35 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM4T-4812SH35
상세설명  4 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4T-4812SH35 데이터시트(HTML) 3 Page - AIMTEC

  AM4T-4812SH35 Datasheet HTML 1Page - AIMTEC AM4T-4812SH35 Datasheet HTML 2Page - AIMTEC AM4T-4812SH35 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
55
VISIT US AT WWW.AIMTEC.CA
AM4T Series
MODELS
Dual output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM4T-1203D
AM4T-1205D
AM4T-1207D
AM4T-1209D
AM4T-1212D
AM4T-1215D
AM4T-1218D
AM4T-1224D
AM4T-2403D
AM4T-2405D
AM4T-2407D
AM4T-2409D
AM4T-2412D
AM4T-2415D
AM4T-2418D
AM4T-2424D
AM4T-4803D
AM4T-4805D
AM4T-4807D
AM4T-4809D
AM4T-4812D
AM4T-4815D
AM4T-4818D
AM4T-4824D
AM4T-1203DH35
AM4T-1205DH35
AM4T-1207DH35
AM4T-1209DH35
AM4T-1212DH35
AM4T-1215DH35
AM4T-1218DH35
AM4T-1224DH35
AM4T-2403DH35
AM4T-2405DH35
AM4T-2407DH35
AM4T-2409DH35
AM4T-2412DH35
AM4T-2415DH35
AM4T-2418DH35
AM4T-2424DH35
AM4T-4803DH35
AM4T-4805DH35
AM4T-4807DH35
AM4T-4809DH35
AM4T-4812DH35
AM4T-4815DH35
AM4T-4818DH35
AM4T-4824DH35
9VDC - 18VDC
18VDC - 36VDC
36VDC - 72VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±500mA
±400mA
±278mA
±222mA
±167mA
±133mA
±111mA
±83mA
±500mA
±400mA
±278mA
±222mA
±167mA
±133mA
±111mA
±83mA
±500mA
±400mA
±278mA
±222mA
±167mA
±133mA
±111mA
±83mA


유사한 부품 번호 - AM4T-4812SH35

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM4T-4812SH35-VZ AIMTEC-AM4T-4812SH35-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4T-4812SH35-VZ AIMTEC-AM4T-4812SH35-VZ Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4T-4812SH35Z AIMTEC-AM4T-4812SH35Z Datasheet
579Kb / 5P
   4 Watt | DC-DC Converter
AM4T-4812SH35Z AIMTEC-AM4T-4812SH35Z Datasheet
316Kb / 5P
   4 Watt | DC-DC Converter
More results

유사한 설명 - AM4T-4812SH35

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
   4 watt dc-dc converters
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com