전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM8T-2405DC 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM8T-2405DC
상세설명  8 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8T-2405DC 데이터시트(HTML) 2 Page - AIMTEC

  AM8T-2405DC Datasheet HTML 1Page - AIMTEC AM8T-2405DC Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
VISIT US AT WWW.AIMTEC.CA
AM8T-C Series
MODELS Single output
Models
Input Voltage
Ouput Voltage
AM8T-1203SC
3.3VDC
2000mA
AM8T-1205SC
5VDC
1500mA
AM8T-1212SC
9VDC - 18VDC
12VDC
660mA
AM8T-1215SC
15VDC
530mA
AM8T-1224SC
24VDC
330mA
AM8T-2403SC
3.3VDC
2000mA
AM8T-2405SC
5VDC
1500mA
AM8T-2412SC
18VDC - 36VDC
12VDC
660mA
AM8T-2415SC
15VDC
530mA
AM8T-2424SC
24VDC
330mA
AM8T-4803SC
3.3VDC
2000mA
AM8T-4805SC
5VDC
1500mA
AM8T-4812SC
36VDC - 75VDC
12VDC
660mA
AM8T-4815SC
15VDC
530mA
AM8T-4824SC
24VDC
330mA
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Bottom View)
DERATING
BLOCK DIAGRAM
Single Output
Dual Output
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM8T-1205DC
±5VDC
±800mA
AM8T-1212DC
9VDC - 18VDC
±12VDC
±330mA
AM8T-1215DC
±15VDC
±260mA
AM8T-2405DC
±5VDC
±800mA
AM8T-2412DC
18VDC - 36VDC
±12VDC
±330mA
AM8T-2415SC
±15VDC
±260mA
AM8T-4805DC
±5VDC
±800mA
AM8T-4812DC
36VDC - 75VDC
±12VDC
±330mA
AM8T-4815DC
±15VDC
±260mA
Dual output
Ouput Current max.
Pin
1500VDC
-V Input
-V Input
N.C.
N.C.
N.C.
+V Output
N.C.
-V Output
+V Input
+V Input
-V Input
-V Input
Common
N.C.
-V Output
+V Output
N.C.
Common
+V Input
+V Input
2
3
9
10
11
14
15
16
22
23
Single
Dual


유사한 부품 번호 - AM8T-2405DC

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM8T-2405DI AIMTEC-AM8T-2405DI Datasheet
243Kb / 3P
   8 watt dc-dc converters
AM8T-2405DIZ AIMTEC-AM8T-2405DIZ Datasheet
289Kb / 4P
   8 Watt | DC-DC Converter
AM8T-2405DIZ AIMTEC-AM8T-2405DIZ Datasheet
384Kb / 4P
   8 Watt | DC-DC Converter
AM8T-2405DZ AIMTEC-AM8T-2405DZ Datasheet
545Kb / 3P
   8 Watt | DC-DC Converter
AM8T-2405DZ AIMTEC-AM8T-2405DZ Datasheet
365Kb / 3P
   8 Watt | DC-DC Converter
More results

유사한 설명 - AM8T-2405DC

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM8TW-C AIMTEC-AM8TW-C Datasheet
293Kb / 2P
   8 watt dc-dc converters
AM8T-I AIMTEC-AM8T-I Datasheet
243Kb / 3P
   8 watt dc-dc converters
AM8TW-I AIMTEC-AM8TW-I Datasheet
198Kb / 2P
   8 watt dc-dc converters
logo
Wall Industries,Inc.
LANCUW8 WALL-LANCUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
logo
CINCON ELECTRONICS Corp...
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com