전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC107 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BC107
상세설명  NPN general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC107 데이터시트(HTML) 2 Page - NXP Semiconductors

  BC107 Datasheet HTML 1Page - NXP Semiconductors BC107 Datasheet HTML 2Page - NXP Semiconductors BC107 Datasheet HTML 3Page - NXP Semiconductors BC107 Datasheet HTML 4Page - NXP Semiconductors BC107 Datasheet HTML 5Page - NXP Semiconductors BC107 Datasheet HTML 6Page - NXP Semiconductors BC107 Datasheet HTML 7Page - NXP Semiconductors BC107 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Sep 03
2
Philips Semiconductors
Product specification
NPN general purpose transistors
BC107; BC108; BC109
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 45 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN transistor in a TO-18; SOT18 metal package.
PNP complement: BC177.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to the case
Fig.1
Simplified outline (TO-18; SOT18)
and symbol.
handbook, halfpage
MAM264
1
3
2
3
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC107
50
V
BC108; BC109
30
V
VCEO
collector-emitter voltage
open base
BC107
45
V
BC108; BC109
20
V
ICM
peak collector current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
300
mW
hFE
DC current gain
IC = 2 mA; VCE =5V
BC107
110
450
BC108
110
800
BC109
200
800
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
100
MHz


유사한 부품 번호 - BC107

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BC107 STMICROELECTRONICS-BC107 Datasheet
69Kb / 6P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
List of Unclassifed Man...
BC107 ETC-BC107 Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Siemens Semiconductor G...
BC107 SIEMENS-BC107 Datasheet
263Kb / 8P
   npn sisicon transistor
logo
NXP Semiconductors
BC107 PHILIPS-BC107 Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
More results

유사한 설명 - BC107

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com