전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25-103ALF 데이터시트(PDF) 1 Page - Bourns Electronic Solutions

부품명 CAT25-103ALF
상세설명  Thick Film Chip Resistor Arrays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT25-103ALF 데이터시트(HTML) 1 Page - Bourns Electronic Solutions

  CAT25-103ALF Datasheet HTML 1Page - Bourns Electronic Solutions CAT25-103ALF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT25 - Thick Film Chip Resistor Arrays
DIMENSIONS ARE:
MM
(INCHES)
Features
Concave terminals
Lead free version available (see How to
Order “Termination” options)
RoHS compliant*
8 bit multiple applications
Smallest bussed chip array
E 24 Series from 10 ohms to 1 megohm
Electrical Characteristics
Environmental Characteristics
Parameters
CAT25
Test Method
Number of Resistors
8
Resistance Range E24
10 ohms to 1 megohm
Resistance Tolerance
5 %
JIS-C-5202.5.1
Power Rating/Resistor
62.5 mW
Rating Temperature
+70 °C
T.C.R.
+/-200 ppm/°C
JIS-C-5202.5.2
Maximum Operating Voltage
25 V
Operating Temperature
-55 °C to +125 °C
Specification
Characteristics
Test Method
Short Time Overload
+/-(3 % +0.1 ohm)
JIS-C-5202.5.5
Load Life
+/-(5 % +0.1 ohm)
JIS-C-5202.7.10
Humidity Load Life
+/-(3 % +0.1 ohm)
JIS-C-5202.7.9
Resistance to Soldering Heat
+/-(1 % +0.1 ohm)
JIS-C-5202.6.4
Terminal Strength
+/-(1 % +0.1 ohm)
JIS-C-5202.6.
Temperature Cycle
+/-(2 % +0.1 ohm)
JIS-C-5202.7.4
Vibration
+/-(1 % +0.1 ohm)
JIS-C-5202.6.3
Insulation Resistance
1000 megohms minimum
JIS-C-5202.5.6
Dielectric Withstanding Voltage
50 VRMS
JIS-C-5202.5.7
Lead Solderability
>95 %
JIS-C-5202.6.5
How To Order
CA T 25 - 103 J A __
Product
CA = Chip Array
Pin Style
T = Concave
Model
Resistance Value
103 = 10K ohms
Tolerance
J = 5 %
Electrical Circuit
A = 8 Resistors, Bussed Type
Terminations
LF = Tin-plated (lead free)
Blank = Solder-plated
0.30 ± 0.20
(.012 ± .008)
103
0.25 ± 0.20
(.010 ± .008)
0.55 ± 0.10
(.022 ± .004)
2.10 ± 0.20
(.083 ± .008)
4.00 ± 0.20
(.157 ± .008)
0.50 ± 0.20
(.020 ± .008)
0.35 ± 0.20
(.014 ± .008)
0.80 ± 0.10
(.032 ± .004)
0.25 ± 0.15
(.010 ± .006)
DIA.
0.40 ± 0.20
(.016 ± .008)
0.80
(.032)
0.4 - 0.5
(.016 - .020)
2.8 - 3.0
(.110 - .118)
3.3 - 3.4
(.130 - .133)
4.8 - 5.2
(.190 - .205)
0.9 - 1.1
(.035 - .043)
3.2 - 3.5
(.125 - .138)
Electrical Circuit
Outline Drawing
Land Pattern
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.


유사한 부품 번호 - CAT25-103ALF

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
More results

유사한 설명 - CAT25-103ALF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com