전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8368ACPZ-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8368ACPZ-REEL7
상세설명  800 MHz, Linear-in-dB VGA with AGC Detector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8368ACPZ-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8368ACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8368
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
V = 5 V, T = 25°C, system impedance Z
S
0
= 50 Ω, MODE = 5 V, unless otherwise noted.
25
–20
–15
–10
–5
0
5
10
15
20
10
100
1000
FREQUENCY (MHz)
0V
0.25V
0.5V
0.75V
1V
25
–15
–10
–5
0
5
10
15
20
4
–4
–3
–2
–1
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
240MHz
+85°C
–40°C
+25°C
Figure 3. Frequency Response vs. V
Figure 6. Gain and Conformance Error vs. V
GAIN
GAIN
(f = 240 MHz)
25
–15
–10
–5
0
5
10
15
20
4
–4
–3
–2
–1
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
70MHz
+85°C
–40°C
+25°C
25
–15
–10
–5
0
5
10
15
20
4
–4
–3
–2
–1
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
380MHz
+85°C
–40°C
+25°C
Figure 4. Gain and Conformance Error vs. VGAIN (f = 70 MHz)
Figure 7. Gain and Conformance Error vs. VGAIN (f = 380 MHz)
25
–15
–10
–5
0
5
10
15
20
4
–4
–3
–2
–1
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
140MHz
+85°C
–40°C
+25°C
0.7
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
–0.5 –0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
TIME (µs)
VGAIN
VOUTP
Figure 8. Gain Step Time Domain Response (6 dB Gain Step)
Figure 5. Gain and Conformance Error vs. VGAIN (f = 140 MHz)


유사한 부품 번호 - AD8368ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8368ACPZ-REEL7 AD-AD8368ACPZ-REEL7 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368ACPZ-REEL7 AD-AD8368ACPZ-REEL7 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
More results

유사한 설명 - AD8368ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
   34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
   34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
   800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com