전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA4UEEBAGPNTABBLK 데이터시트(PDF) 5 Page - E-SWITCH

부품명 TA4UEEBAGPNTABBLK
상세설명  PUSHBUTTON SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-SWITCH [E-SWITCH]
홈페이지  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TA4UEEBAGPNTABBLK 데이터시트(HTML) 5 Page - E-SWITCH

  TA4UEEBAGPNTABBLK Datasheet HTML 1Page - E-SWITCH TA4UEEBAGPNTABBLK Datasheet HTML 2Page - E-SWITCH TA4UEEBAGPNTABBLK Datasheet HTML 3Page - E-SWITCH TA4UEEBAGPNTABBLK Datasheet HTML 4Page - E-SWITCH TA4UEEBAGPNTABBLK Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SERIES TA/LT
Phone: 612-504-3525
Fax: 612-531-8235
7153 Northland Dr., Brooklyn Park, MN 55428
122
PUSHBUTTON ASSEMBLIES
HOW TO ORDER SINGLE STATION ASSEMBLIES
Desc.(TA0003-00)
ID#AO21251
Standard
2.38 mm holes (.094)
Desc.(TA0003-02)
ID#A021276
Tapped For 4-40 screws
Desc.(TA0003-03)
ID#A021252
3.18 mm holes (.125)
12x
TA
15
(TAB/Red)
2U
EE
A
AG
P
N
Example:
1*
*Single Key
Chassis
TA
LT
0003-00
0003-02
0003-03
TAA1
TAB2
TAC1
TAD1
TAE1
TAG2
TAK3
TAL3
TAM4
TA12
TA28005
.08
.09
.094
TH100
TH120
TH201
2U
4U
6U
8U
10U
16U
EE=
Latching
OA=
Momentary
A
B
C
E
F
AG=
Silver
AU=
Gold
P=
Standard
V=
Valox
N=
BBM
S=
MBB
N=
BBM
S=
MBB
(None)
Blk, Wht
Gry, Red
Blu, Chr
Exceptions to Part Number:
List By Chassis Station #
examples: Station4=4UOA
Station3=TAB/Wht
O R I E N TATION: PC pins down, plungers
f o rward– station No. 1 on left.
1
Blk, Gry, Wht,
Red Only
2
Blk, Gry, Wht,
Red, Chr Only
3
Blk & Gry Only
4
Blk, Gry, Wht Only
5
Blk & Red Only
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TA
LT
In mm:
10 (.394”)
12.5 (.492”)
15 (.591”)
17.5 (.689”)
20 (.787”)
TAA1
TAB2
TAC1
TAD1
TAE1
TAG2
TAK3
TAL3
TAM4
TA12
TA28005
.08
.09
.094
TH100
TH120
TH201
Blk, Wht
Gry, Red
Blu, Chr
2U
4U
6U
8U
10U
16U
EE=
Latching
OA=
Momentary
GR=
Interlocked
A
B
C
E
F
AG=
Silver
AU=
Gold
P=
Standard
V=
Valox
See Below
for
Procedure
Blk, Gry
Yel, Blu
Red, Grn
Wht
Wht, Yel
Orn, Grn
Blu
HOW TO ORDER MULTISTATION ASSEMBLIES
Blk, Gry
Yel, Blu
Red, Grn
Wht
Wht, Yel
Orn, Grn
Blu
SINGLE KEY CHASSIS
TA0003-00
FRONT
BOTTOM
ASSEMBLY CHASSIS


유사한 부품 번호 - TA4UEEBAGPNTABBLK

제조업체부품명데이터시트상세설명
logo
TiMOTION Technology Co....
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
   Max. load 3,500N (push); 2,000N (pull)
20210521-Q
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
TA40-11GWA KINGBRIGHT-TA40-11GWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
TA40-11GWA KINGBRIGHT-TA40-11GWA Datasheet
218Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TA40-11SRWA KINGBRIGHT-TA40-11SRWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
More results

유사한 설명 - TA4UEEBAGPNTABBLK

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com