전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8340-EVAL 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8340-EVAL
상세설명  700 MHz to 1000 MHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8340-EVAL 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8340-EVAL Datasheet HTML 6Page - Analog Devices AD8340-EVAL Datasheet HTML 7Page - Analog Devices AD8340-EVAL Datasheet HTML 8Page - Analog Devices AD8340-EVAL Datasheet HTML 9Page - Analog Devices AD8340-EVAL Datasheet HTML 10Page - Analog Devices AD8340-EVAL Datasheet HTML 11Page - Analog Devices AD8340-EVAL Datasheet HTML 12Page - Analog Devices AD8340-EVAL Datasheet HTML 13Page - Analog Devices AD8340-EVAL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8340
Rev. 0 | Page 10 of 20
THEORY OF OPERATION
The AD8340 is a linear RF vector modulator with Cartesian
baseband controls. In the simplified block diagram given in
Figure 26, the RF signal propagates from the left to the right
while baseband controls are placed above and below. The RF
input is first split into in-phase (I) and quadrature (Q) compo-
nents. The variable attenuators independently scale the I and Q
components of the RF input. The attenuator outputs are then
summed and buffered to the output.
By controlling the relative amounts of I and Q components that
are summed, continuous magnitude and phase control of the
gain is possible. Consider the vector gain representation of the
AD8340 expressed in polar form in Figure 27. The attenuation
factors for the I and Q signal components are represented on
the x- and y-axis, respectively, by the baseband inputs, VBBI and
VBBQ. The resultant of their vector sum represents the vector
gain, which can also be expressed as a magnitude and phase. By
applying different combinations of baseband inputs, any vector
gain within the unit circle can be programmed.
A change in sign of VBBI or VBBQ can be viewed as a change in
sign of the gain or as a 180° phase change. The outermost
circle represents the maximum gain magnitude of unity. The
circle origin implies, in theory, a gain of 0. In practice, circuit
mismatches and unavoidable signal feedthrough limit the
minimum gain to approximately −40 dB. The phase angle
between the resultant gain vector and the positive x-axis is de-
fined as the phase shift. Note that there is a nominal, systematic
insertion phase through the AD8340 to which the phase shift is
added. In the following discussions, the systematic insertion
phase is normalized to 0°.
The correspondence between the desired gain and phase set-
points, GainSP and PhaseSP, and the Cartesian inputs, VBBI and
VBBQ, is given by simple trigonometric identities
()
()
[]2
2
/
/
O
BBQ
O
BBI
SP
V
V
V
V
Gain
+
=
(
)
BBI
BBQ
SP
V
V
Phase
/
arctan
=
where:
VO is the baseband scaling constant (500 mV).
VBBI and VBBQ are the differential I and Q baseband voltages,
respectively.
Note that when evaluating the arctangent function, the proper
phase quadrant must be selected. For example, if the principal
value of the arctangent (known as the Arctangent(x)) is used,
quadrants 2 and 3 would be interpreted mistakenly as quadrants
4 and 1, respectively. In general, both VBBI and VBBQ are needed
in concert to modulate the gain and the phase.
Pure amplitude modulation is represented by radial movement
of the gain vector tip at a fixed angle, while pure phase modula-
tion is represented by rotation of the tip around the circle at a
fixed radius. Unlike traditional I-Q modulators, the AD8340 is
designed to have a linear RF signal path from input to output.
Traditional I-Q modulators provide a limited LO carrier path
through which any amplitude information is removed.
LINEAR
ATTENUATOR
LINEAR
ATTENUATOR
V-I
V-I
0
°/90°
I-V
VBBQ
Q CHANNEL INPUT
SINGLE-ENDED OR
DIFFERENTIAL
50
Ω INPUT Z
VBBI
I CHANNEL INPUT
OUTPUT
DISABLE
SINGLE-ENDED OR
DIFFERENTIAL
50
Ω OUTPUT
Figure26.SimplifiedArchitectureoftheAD8340
|A|
θ
A
+0.5
–0.5
+0.5
–0.5
Vi
Vq
MIN GAIN < –30dB
MAX GAIN = 0dB
Figure27.VectorGainRepresentation
RF QUADRATURE GENERATOR
The RF input is directly coupled differentially or single-ended
to the quadrature generator, which consists of a multistage RC
polyphase network tuned over the operating frequency range of
700 MHz to 1000 MHz. The recycling nature of the polyphase
network generates two replicas of the input signal, which are in
precise quadrature, i.e., 90°, to each other. Since the passive
network is perfectly linear, the amplitude and phase information
contained in the RF input is transmitted faithfully to both chan-
nels. The quadrature outputs are then separately buffered to
drive the respective attenuators. The characteristic impedance
of the polyphase network is used to set the input
impedance to the AD8340.


유사한 부품 번호 - AD8340-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results

유사한 설명 - AD8340-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com