전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1100R 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 BF1100R
상세설명  Dual-gate MOS-FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1100R 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button BF1100R Datasheet HTML 6Page - NXP Semiconductors BF1100R Datasheet HTML 7Page - NXP Semiconductors BF1100R Datasheet HTML 8Page - NXP Semiconductors BF1100R Datasheet HTML 9Page - NXP Semiconductors BF1100R Datasheet HTML 10Page - NXP Semiconductors BF1100R Datasheet HTML 11Page - NXP Semiconductors BF1100R Datasheet HTML 12Page - NXP Semiconductors BF1100R Datasheet HTML 13Page - NXP Semiconductors BF1100R Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
1995 Apr 25
11
Philips Semiconductors
Product specification
Dual-gate MOS-FETs
BF1100; BF1100R
Fig.27 Cross-modulation test set-up.
For VGG =VDS = 9 V, RG = 180 kΩ.
For VGG =VDS = 12 V, RG = 250 kΩ.
handbook, full pagewidth
DUT
VAGC
C1
4.7 nF
R1
10 k
MGC420
C4
4.7 nF
L1
450 nH
C3
12 pF
R L
50
VGG
VDS
RGEN
50
V I
R2
50
4.7 nF
C2
RG


유사한 부품 번호 - BF1100R

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1100R NXP-BF1100R Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
More results

유사한 설명 - BF1100R

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100 JMNIC-BF1100_15 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
BF1100_2015 JMNIC-BF1100_2015 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com