전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1109WR 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 BF1109WR
상세설명  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1109WR 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button BF1109WR Datasheet HTML 3Page - NXP Semiconductors BF1109WR Datasheet HTML 4Page - NXP Semiconductors BF1109WR Datasheet HTML 5Page - NXP Semiconductors BF1109WR Datasheet HTML 6Page - NXP Semiconductors BF1109WR Datasheet HTML 7Page - NXP Semiconductors BF1109WR Datasheet HTML 8Page - NXP Semiconductors BF1109WR Datasheet HTML 9Page - NXP Semiconductors BF1109WR Datasheet HTML 10Page - NXP Semiconductors BF1109WR Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Dec 08
7
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
Fig.12 Input admittance as a function of frequency;
typical values.
VDS = 9 V; VG2-S =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MDA620
102
10−2
10
102
103
10−1
1
10
f (MHz)
yis
(mS)
gis
bis
Fig.13 Reverse transfer admittance and phase as
a function of frequency; typical values.
VDS = 9 V; VG2-S =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MDA621
103
102
10
1
10
102
103
f (MHz)
|yrs|
(mS)
ϕrs
(deg)
−103
−1
−10
−102
ϕrs
|yrs|
Fig.14 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS = 9 V; VG2-S =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MDA622
102
ϕfs
(deg)
−102
−1
−10
10
1
10
102
103
f (MHz)
|yfs|
(mS)
ϕfs
|yfs|
Fig.15 Output admittance as a function of
frequency; typical values.
VDS = 9 V; VG2-S =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MDA623
10
1
10−1
10−2
10
102
103
f (MHz)
yos
(mS)
bos
gos


유사한 부품 번호 - BF1109WR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1109WR NXP-BF1109WR Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
More results

유사한 설명 - BF1109WR

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com