전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-BD01-FREQ 데이터시트(PDF) 2 Page - Nel Frequency Controls,inc

부품명 SD-BD01-FREQ
상세설명  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEL [Nel Frequency Controls,inc]
홈페이지  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-BD01-FREQ 데이터시트(HTML) 2 Page - Nel Frequency Controls,inc

  SD-BD01-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-BD01-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
SD-B2D00 Series
Continued
LVDS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
80.0MHz
-----
312.5MHz
Duty Cycle
(2)
-----
@ V
O /2
45/55%
-----
55/45%
Logic 0
(2)
V
OL
-----
0.80V
-----
1.10V
Logic 1
(2)
V
OH
-----
1.25V
-----
1.55V
Differential Voltage
(2)
V
OD
-----
250 mV
-----
450 mV
Disable Voltage
-----
V
EE=0V
-----
-----
0.8V
Enable Voltage
(5)
-----
V
EE=0V
2.0V
-----
-----
Rise & Fall Time
(2)
tr,tf
20-80%V
O
-----
0.8 ns
1.0 ns
Tpd
(4)
-----
-----
-0.5 ns
-----
+0.5 ns
Jitter, RMS
(3)
-----
-----
-----
-----
3 psec
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
-----
2.375V
2.5V
2.625V
Supply Current
I
CC
-----
0.0 mA
-----
80 mA
Output current
I
O
Continuous Output Current
0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
210 mW
Solder temperature
T
L
4 minutes
-----
-----
253°C
Load
100 ohms across differential outputs
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-883, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) With Load of 100 ohms across differential outputs.
3) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20Mhz.
4) Tpd is phase shift between the falling edge of pin 4 and the rising edge of pin 5.
5) Open to enable pin also enables the output
Rev. J
CRYSTAL CLOCK OSCILLATORS
SD - B2D0X - FREQ
Package Code
Tolerance/Performance
SD
6 Pad 5x7 SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2.5V
C ±100ppm -40 to +85°C
5V
Creating a Part Number
Data Sheet 0413E


유사한 부품 번호 - SD-BD01-FREQ

제조업체부품명데이터시트상세설명
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-B2980-FREQ NEL-SD-B2980-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-B2981-FREQ NEL-SD-B2981-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-B2987-FREQ NEL-SD-B2987-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-B2989-FREQ NEL-SD-B2989-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

유사한 설명 - SD-BD01-FREQ

제조업체부품명데이터시트상세설명
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com