전자부품 데이터시트 검색엔진 |
|
SD-AD0A-FREQ 데이터시트(PDF) 2 Page - Nel Frequency Controls,inc |
|
SD-AD0A-FREQ 데이터시트(HTML) 2 Page - Nel Frequency Controls,inc |
2 / 2 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com SD-B2D00 Series Continued LVDS Operating Conditions and Output Characteristics Electrical Characteristics Parameter Symbol Conditions Min Typical Max Frequency ----- ----- 80.0MHz ----- 312.5MHz Duty Cycle (2) ----- @ V O /2 45/55% ----- 55/45% Logic 0 (2) V OL ----- 0.80V ----- 1.10V Logic 1 (2) V OH ----- 1.25V ----- 1.55V Differential Voltage (2) V OD ----- 250 mV ----- 450 mV Disable Voltage ----- V EE=0V ----- ----- 0.8V Enable Voltage (5) ----- V EE=0V 2.0V ----- ----- Rise & Fall Time (2) tr,tf 20-80%V O ----- 0.8 ns 1.0 ns Tpd (4) ----- ----- -0.5 ns ----- +0.5 ns Jitter, RMS (3) ----- ----- ----- ----- 3 psec Frequency Stability (1) dF/F Overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration General Characteristics Parameter Symbol Conditions Min Typical Max Supply Voltage V CC ----- 2.375V 2.5V 2.625V Supply Current I CC ----- 0.0 mA ----- 80 mA Output current I O Continuous Output Current 0.0 mA ----- ±50.0 mA Operating temperature T A ------ 0°C ----- 70°C Storage temperature T S ----- -55°C ----- 125°C Power Dissipation P D ----- ----- ----- 210 mW Solder temperature T L 4 minutes ----- ----- 253°C Load 100 ohms across differential outputs Start-up time t S ----- ----- 2 ms 10 ms Environmental and Mechanical Characteristics Mechanical Shock Per MIL-STD-202, Method 213, Condition E Thermal Shock Per MIL-STD-883, Method 1011, Condition A Vibration 0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz Hermetic Seal Leak rate less than 1 x 10 -8 atm.cc/sec of helium Footnotes: 1) Standard frequency stability (±20,±25,±50ppm & others available) 2) With Load of 100 ohms across differential outputs. 3) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization. RMS jitter bandwidth of 12kHz to 20Mhz. 4) Tpd is phase shift between the falling edge of pin 4 and the rising edge of pin 5. 5) Open to enable pin also enables the output Rev. J CRYSTAL CLOCK OSCILLATORS SD - B2D0X - FREQ Package Code Tolerance/Performance SD 6 Pad 5x7 SMD 0 ±100ppm 0-70°C 1 ±50ppm 0-70°C 7 ±25ppm 0-70°C Input Voltage 9 Customer Specific Code Specification A ±20ppm 0-70°C A 3.3V B ±50ppm -40 to +85°C B 2.5V C ±100ppm -40 to +85°C 5V Creating a Part Number Data Sheet 0413E |
유사한 부품 번호 - SD-AD0A-FREQ |
|
유사한 설명 - SD-AD0A-FREQ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |