전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1202WR 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BF1202WR
상세설명  N-channel dual-gate PoLo MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1202WR 데이터시트(HTML) 2 Page - NXP Semiconductors

  BF1202WR Datasheet HTML 1Page - NXP Semiconductors BF1202WR Datasheet HTML 2Page - NXP Semiconductors BF1202WR Datasheet HTML 3Page - NXP Semiconductors BF1202WR Datasheet HTML 4Page - NXP Semiconductors BF1202WR Datasheet HTML 5Page - NXP Semiconductors BF1202WR Datasheet HTML 6Page - NXP Semiconductors BF1202WR Datasheet HTML 7Page - NXP Semiconductors BF1202WR Datasheet HTML 8Page - NXP Semiconductors BF1202WR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Mar 29
2
Philips Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1202; BF1202R;
BF1202WR
FEATURES
• Short channel transistor with high
forward transfer admittance to input
capacitance ratio
• Low noise gain controlled amplifier
• Partly internal self-biasing circuit to
ensure good cross-modulation
performance during AGC and good
DC stabilization.
APPLICATIONS
• VHF and UHF applications with
3 to 9 V supply voltage, such as
digital and analogue television
tuners and professional
communications equipment.
DESCRIPTION
Enhancement type N-channel
field-effect transistor with source and
substrate interconnected. Integrated
diodes between gates and source
protect against excessive input
voltage surges. The BF1202,
BF1202R and BF1202WR are
encapsulated in the SOT143B,
SOT143R and SOT343R plastic
packages respectively.
PINNING
PIN
DESCRIPTION
1
source
2
drain
3
gate 2
4
gate 1
handbook, 2 columns
Top view
MSB014
12
3
4
Fig.1
Simplified outline
(SOT143B).
BF1202 marking code: LDp
handbook, 2 columns
Top view
MSB035
1
2
4
3
Fig.2
Simplified outline
(SOT143R).
BF1202R marking code: LEp
page
Top view
MSB842
21
4
3
Fig.3
Simplified outline
(SOT343R).
BF1202WR marking code: LE
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
10
V
ID
drain current
−−
30
mA
Ptot
total power dissipation
−−
200
mW
y
fs
forward transfer admittance
25
30
40
mS
Cig1-ss
input capacitance at gate 1
1.7
2.2
pF
Crss
reverse transfer capacitance
f = 1 MHz
15
30
fF
F
noise figure
f = 800 MHz
1.1
1.8
dB
Xmod
cross-modulation
input level for k = 1% at
40 dB AGC
100
105
dB
µV
Tj
operating junction temperature
−−
150
°C
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.


유사한 부품 번호 - BF1202WR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1202WR NXP-BF1202WR Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
BF1202WR NXP-BF1202WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1202WR NXP-BF1202WR Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
More results

유사한 설명 - BF1202WR

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 NXP-BF1202_10 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com