전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-A2D5L9E-FREQ 데이터시트(PDF) 1 Page - Nel Frequency Controls,inc

부품명 SD-A2D5L9E-FREQ
상세설명  LVDS UHF CLOCK (XO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEL [Nel Frequency Controls,inc]
홈페이지  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A2D5L9E-FREQ 데이터시트(HTML) 1 Page - Nel Frequency Controls,inc

  SD-A2D5L9E-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A2D5L9E-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc SD-A2D5L9E-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LVDS UHF CLOCK (XO)
SD-A2D5XXX Series
Description
The SD-A2D5XXX Series of quartz crystal oscillators provides ultra high frequency with LVDS
complementary outputs. The outputs can be Tri-stated for test automation or combining multiple clocks. The
device is based on low noise analog harmonic multiplication for higher frequencies, and packaged in a
miniature, low profile leadless ceramic SMD package with 6 gold plated pads.
Applications and Features
• Wide frequency range – 38.0MHz to 800.000MHz
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SOHO Routing
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Low Phase Noise, Low Jitter
• High shock resistance, to 1000g
• Ultra High Frequency
• Tight frequency stability - ±20 ppm overall available
• Grounded lid and internal by-pass capacitor reduce EMI
• RoHS Compliant, Lead Free Construction
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0629C
Rev. -
SD - A 2D5 X X X - FREQ
Package Code
Overall Frequency Stability, ppm
SD
6 pad 5x7mm SMD
E ±20
F ±25
Input Voltage
G ±50
A
3.3V±5%
H ±100
9 Customer specific
Enable Option
Temperature Range, °C
H
Enable High
A
0 to 50
L
Enable Low
B
0 to 70
C
-20 to 70
D
-40 to 85
9
Customer specific
Creating a Part Number


유사한 부품 번호 - SD-A2D5L9E-FREQ

제조업체부품명데이터시트상세설명
logo
Nel Frequency Controls,...
SD-A2D00 NEL-SD-A2D00 Datasheet
45Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2D0X-FREQ NEL-SD-A2D0X-FREQ Datasheet
45Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2D1X-FREQ NEL-SD-A2D1X-FREQ Datasheet
45Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2D4H99-FREQ NEL-SD-A2D4H99-FREQ Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D4H9E-FREQ NEL-SD-A2D4H9E-FREQ Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
More results

유사한 설명 - SD-A2D5L9E-FREQ

제조업체부품명데이터시트상세설명
logo
Nel Frequency Controls,...
SD-X2D4XXX-X NEL-SD-X2D4XXX-X Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D4XXX NEL-SD-A2D4XXX Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D7XXX NEL-SD-A2D7XXX Datasheet
154Kb / 3P
   LVDS UHF CLOCK (XO)
SD-X2D5XXX-X NEL-SD-X2D5XXX-X Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D7XXX-A NEL-SD-A2D7XXX-A Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-A2D6XXX NEL-AA-A2D6XXX Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com