전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF324 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BF324
상세설명  PNP medium frequency transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF324 데이터시트(HTML) 4 Page - NXP Semiconductors

  BF324 Datasheet HTML 1Page - NXP Semiconductors BF324 Datasheet HTML 2Page - NXP Semiconductors BF324 Datasheet HTML 3Page - NXP Semiconductors BF324 Datasheet HTML 4Page - NXP Semiconductors BF324 Datasheet HTML 5Page - NXP Semiconductors BF324 Datasheet HTML 6Page - NXP Semiconductors BF324 Datasheet HTML 7Page - NXP Semiconductors BF324 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Jul 07
4
Philips Semiconductors
Product specification
PNP medium frequency transistor
BF324
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


유사한 부품 번호 - BF324

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BF324 SIEMENS-BF324 Datasheet
88Kb / 4P
   PNP SILICON RF TRANSISTOR
logo
List of Unclassifed Man...
BF3240-20B ETC2-BF3240-20B Datasheet
427Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
BF3240-UV1 ETC2-BF3240-UV1 Datasheet
513Kb / 1P
   MINIATURE 3.2mm 365nm UV-CCFL
More results

유사한 설명 - BF324

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF824 PHILIPS-BF824 Datasheet
41Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
BF450 PHILIPS-BF450 Datasheet
54Kb / 8P
   PNP medium frequency transistor
1997 Jul 11
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
   PNP medium frequency transistor
1999 Apr 15
logo
Nexperia B.V. All right...
BF824 NEXPERIA-BF824 Datasheet
282Kb / 7P
   PNP medium frequency transistor
2004 Jan 16
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
   PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824 NXP-BF824 Datasheet
104Kb / 6P
   PNP medium frequency transistor
2004 Jan 16
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
   PNP medium frequency transistor
2004 Jan 16
BF824 PHILIPS-BF824_15 Datasheet
104Kb / 6P
   PNP medium frequency transistor
2004 Jan 16
logo
Guangdong Kexin Industr...
BF824W KEXIN-BF824W Datasheet
46Kb / 1P
   PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824W PHILIPS-BF824W Datasheet
44Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com