전자부품 데이터시트 검색엔진 |
|
AD8191 데이터시트(PDF) 7 Page - Analog Devices |
|
AD8191 데이터시트(HTML) 7 Page - Analog Devices |
7 / 32 page AD8191 Rev. 0 | Page 7 of 32 Pin No. Mnemonic Type1 Description 17 IN_A1 HS I High Speed Input Complement. 18 IP_A1 HS I High Speed Input. 20 IN_A2 HS I High Speed Input Complement. 21 IP_A2 HS I High Speed Input. 23 IN_A3 HS I High Speed Input Complement. 24 IP_A3 HS I High Speed Input. 26 I2C_ADDR0 Control I2C Address 1st LSB. 27 I2C_ADDR1 Control I2C Address 2nd LSB. 28 I2C_ADDR2 Control I2C Address 3rd LSB. 29, 95 DVEE Power Negative Digital and Auxiliary Multiplexer Power Supply. 0 V nominal. 30 PP_CH0 Control Quad Switching Mode High Speed Source Selection Parallel Interface LSB. 31 PP_CH1 Control Quad Switching Mode High Speed Source Selection Parallel Interface MSB. 32, 38, 47 DVCC Power Positive Digital Power Supply. 3.3 V nominal. 33 ON0 HS O High Speed Output Complement. 34 OP0 HS O High Speed Output. 35, 41 VTTO Power Output Termination Supply. Nominally connected to AVCC. 36 ON1 HS O High Speed Output Complement. 37 OP1 HS O High Speed Output. 39 ON2 HS O High Speed Output Complement. 40 OP2 HS O High Speed Output. 42 ON3 HS O High Speed Output Complement. 43 OP3 HS O High Speed Output. 44 RESET Control Configuration Registers Reset. Normally pulled up to AVCC. 45 PP_PRE0 Control High Speed Pre-Emphasis Selection Parallel Interface LSB. 46 PP_PRE1 Control High Speed Pre-Emphasis Selection Parallel Interface MSB. 48 PP_OCL Control High Speed Output Current Level Parallel Interface. 49 I2C_SCL Control I2C Clock. 50 I2C_SDA Control I2C Data. 52 IN_D0 HS I High Speed Input Complement. 53 IP_D0 HS I High Speed Input. 55 IN_D1 HS I High Speed Input Complement. 56 IP_D1 HS I High Speed Input. 58 IN_D2 HS I High Speed Input Complement. 59 IP_D2 HS I High Speed Input. 61 IN_D3 HS I High Speed Input Complement. 62 IP_D3 HS I High Speed Input. 64 IN_C0 HS I High Speed Input Complement. 65 IP_C0 HS I High Speed Input. 67 IN_C1 HS I High Speed Input Complement. 68 IP_C1 HS I High Speed Input. 70 IN_C2 HS I High Speed Input Complement. 71 IP_C2 HS I High Speed Input. 73 IN_C3 HS I High Speed Input Complement. 74 IP_C3 HS I High Speed Input. 76 PP_EN Control High Speed Output Enable Parallel Interface. 77 PP_EQ Control High Speed Equalization Selection Parallel Interface. 78 AUX_D3 LS I/O Low Speed Input/Output. |
유사한 부품 번호 - AD8191 |
|
유사한 설명 - AD8191 |