전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9889ABBCZRL-80 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9889ABBCZRL-80
상세설명  High Performance HDMI/DVI Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9889ABBCZRL-80 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9889ABBCZRL-80 Datasheet HTML 4Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 5Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 6Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 7Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 8Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 9Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 10Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 11Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9889A
Rev. 0 | Page 9 of 12
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-225
WITH THE EXCEPTION TO PACKAGE HEIGHT.
A
B
C
D
E
F
G
J
H
K
10
8
7
6
3
2
1
9
5
4
A1 CORNER
INDEX AREA
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
BOTTOM VIEW
0.75
REF
6.10
6.00 SQ
5.90
SEATING
PLANE
DETAILA
BALL DIAMETER
0.15 MIN
0.35
0.30
0.25
COPLANARITY
0.08 MAX
0.65 MIN
0.50
BSC
4.50
BSC SQ
*1.40 MAX
Figure 3. 76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
6 mm × 6 mm × 1.4 mm
(BC-76)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9889ABBCZ-801
−25°C to +90°C
76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-76
AD9889ABBCZRL-801
−25°C to +90°C
76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-76
AD9889A/PCB
Evaluation Board
1 Z = Pb-free part.


유사한 부품 번호 - AD9889ABBCZRL-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results

유사한 설명 - AD9889ABBCZRL-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889 Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com