전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD90N03L-1 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STD90N03L-1
상세설명  N-channel 30V - 0.005廓 - 80A - DPAK/IPAK STripFET??III Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD90N03L-1 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STD90N03L-1 Datasheet HTML 6Page - STMicroelectronics STD90N03L-1 Datasheet HTML 7Page - STMicroelectronics STD90N03L-1 Datasheet HTML 8Page - STMicroelectronics STD90N03L-1 Datasheet HTML 9Page - STMicroelectronics STD90N03L-1 Datasheet HTML 10Page - STMicroelectronics STD90N03L-1 Datasheet HTML 11Page - STMicroelectronics STD90N03L-1 Datasheet HTML 12Page - STMicroelectronics STD90N03L-1 Datasheet HTML 13Page - STMicroelectronics STD90N03L-1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STD90N03L - STD90N03L-1
10/16
Table 7.
Power losses calculation
High Side Switching (SW1)
Low Side Switch (SW2)
Pconduction
Pswitching
Zero voltage switching
Pdiode
Recovery
(1)
Not applicable
Conduction
Not applicable
Pgate(QG)
PQoss
1.
Dissipated by SW1 during turn-on
Table 8.
Paramiters meaning
Parameter
Meaning
d
Duty-cycle
Qgsth
Post threshold gate charge
Qgls
Third quadrant gate charge
Pconduction
On state losses
Pswitching
On-off transition losses
Pdiode
Conduction and reverse recovery diode losses
Pgate
Gate drive losses
PQoss
Output capacitance losses
δ
*
I
*
R
2
L
DS(on)SW1
)
1
(
*
I
*
R
2
L
DS(on)SW2
δ
g
L
I
I
*
f
*
)
Q
(Q
*
V
gd(SW1)
gsth(SW1)
in
+
f
*
Q
*
V
rr(SW2)
in
f
*
t
*
I
*
V
deadtime
L
f(SW2)
f
*
V
*
Q
gg
g(SW1)
f
*
V
*
Q
gg
gls(SW2)
2
f
*
Q
*
V
oss(SW1)
in
2
f
*
Q
*
V
oss(SW2)
in


유사한 부품 번호 - STD90N03L-1

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STD90N03L-1 VBSEMI-STD90N03L-1 Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - STD90N03L-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD100NH03L STMICROELECTRONICS-STD100NH03L Datasheet
513Kb / 8P
   N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET??III POWER MOSFET
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
   N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L_07 Datasheet
365Kb / 17P
   N-channel 25V - 0.0052廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
STD95N4F3 STMICROELECTRONICS-STD95N4F3_07 Datasheet
465Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L_07 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
   N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
   N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
   N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com