전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5532ABC-2 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5532ABC-2
상세설명  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-2 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5532ABC-2 Datasheet HTML 2Page - Analog Devices AD5532ABC-2 Datasheet HTML 3Page - Analog Devices AD5532ABC-2 Datasheet HTML 4Page - Analog Devices AD5532ABC-2 Datasheet HTML 5Page - Analog Devices AD5532ABC-2 Datasheet HTML 6Page - Analog Devices AD5532ABC-2 Datasheet HTML 7Page - Analog Devices AD5532ABC-2 Datasheet HTML 8Page - Analog Devices AD5532ABC-2 Datasheet HTML 9Page - Analog Devices AD5532ABC-2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
AD5532B
–6–
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C, unless otherwise noted.)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –17 V
AVCC to AGND, DAC_GND . . . . . . . . . . . . . –0.3 V to +7 V
DVCC to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Inputs to DGND . . . . . . . . . . –0.3 V to DVCC + 0.3 V
Digital Outputs to DGND . . . . . . . . . –0.3 V to DVCC + 0.3 V
REF_IN to AGND, DAC_GND . . . . –0.3 V to AVCC + 0.3 V
VIN to AGND, DAC_GND . . . . . . . . –0.3 V to AVCC + 0.3 V
VOUT0–31 to AGND . . . . . . . . . . VSS – 0.3 V to VDD + 0.3 V
OFFS_IN to AGND . . . . . . . . . . VSS – 0.3 V to VDD + 0.3 V
OFFS_OUT to AGND . . . . AGND – 0.3 V to AVCC + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Operating Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ max) . . . . . . . . . . . . . . . . . . 150
°C
74-Lead CSPBGA Package,
θJA Thermal Impedance . . 41°C/W
Reflow Soldering
Peak Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Time at Peak Temperature . . . . . . . . . . . . 10 sec to 40 sec
Max Power Dissipation . . . . . . . . . . . . (150
°C – T
A)/
θ
JA mW
3
Max Continuous Load Current at TJ = 70
°C,
per Channel Group . . . . . . . . . . . . . . . . . . . . . . . 15.5 mA
4
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Transient currents of up to 100 mA will not cause SCR latch-up.
3 This limit includes load power.
4 This maximum allowed continuous load current is spread over eight channels,
with channels grouped as follows:
Group 1: Channels 3, 4, 5, 6, 7, 8, 9, 10
Group 2: Channels 14, 16, 18, 20, 21, 24, 25, 26
Group 3: Channels 15, 17, 19, 22, 23, 27, 28, 29
Group 4: Channels 0, 1, 2, 11, 12, 13, 30, 31
For higher junction temperatures, derate as follows:
Max Continuous
Load Current
TJ (
°C)
per Group (mA)
70
1.55
90
9.025
100
6.925
110
5.175
125
3.425
135
2.55
150
1.5
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD5532B features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Output
Output
Impedance
Voltage Span
Package
Package
Model
Function
(Typ)
(V)
Description
Option
AD5532BBC-1
32 DACs, 32-Channel Precision ISHA
0.5
10
74-Lead CSPBGA
BC-74
AD5532ABC-1
*
32 DACs, 32-Channel ISHA
0.5
10
74-Lead CSPBGA
BC-74
AD5532ABC-2
*
32 DACs, 32-Channel ISHA
0.5
20
74-Lead CSPBGA
BC-74
AD5532ABC-3
*
32 DACs, 32-Channel ISHA
500
10
74-Lead CSPBGA
BC-74
AD5532ABC-5
*
32 DACs, 32-Channel ISHA
1 k
10
74-Lead CSPBGA
BC-74
AD5533ABC-1
*
32-Channel ISHA Only
0.5
10
74-Lead CSPBGA
BC-74
AD5533BBC-1
*
32-Channel Precision ISHA Only
0.5
10
74-Lead CSPBGA
BC-74
EVAL-AD5532EB
Evaluation Board
*Separate Data Sheet.


유사한 부품 번호 - AD5532ABC-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5532ABC-2 AD-AD5532ABC-2 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5532ABC-2 AD-AD5532ABC-2 Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results

유사한 설명 - AD5532ABC-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com