전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF587 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BF587
상세설명  NPN high-voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF587 데이터시트(HTML) 4 Page - NXP Semiconductors

  BF587 Datasheet HTML 1Page - NXP Semiconductors BF587 Datasheet HTML 2Page - NXP Semiconductors BF587 Datasheet HTML 3Page - NXP Semiconductors BF587 Datasheet HTML 4Page - NXP Semiconductors BF587 Datasheet HTML 5Page - NXP Semiconductors BF587 Datasheet HTML 6Page - NXP Semiconductors BF587 Datasheet HTML 7Page - NXP Semiconductors BF587 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 21
4
Philips Semiconductors
Product specification
NPN high-voltage transistors
BF585; BF587
PACKAGE OUTLINE
UNIT
bp
DE1
L1
L2
(1)
max
L
cc1
E
PQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.8
0.6
0.65
0.5
0.56
0.46
8.6
8.4
10.1
9.9
10.4
10.0
2.54
13.3
12.2
e1
5.08
eHE
24.2
23.8
2.4
2.0
3.8
3.6
P1
3.9
3.7
0.25
1.7
1.5
DIMENSIONS (mm are the original dimensions)
2.5
SOT128B
TO-202
97-02-28
A
c1
D
E
L1
L2
L
bp
c
E1
HE
P
Q
A
P1
4.6
4.4
Plastic single-ended leaded (through hole) package; with cooling fin, mountable to heatsink,
1 mounting hole; 3 leads (in-line)
SOT128B
e
e1
12
3
0
5
10 mm
scale
w M
Note
1. Plastic flash allowed within this zone


유사한 부품 번호 - BF587

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF587 PHILIPS-BF587 Datasheet
63Kb / 8P
   NPN high-voltage transistors
1996 Dec 09
More results

유사한 설명 - BF587

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com