전자부품 데이터시트 검색엔진 |
|
SA-A1211 데이터시트(PDF) 1 Page - Nel Frequency Controls,inc |
|
SA-A1211 데이터시트(HTML) 1 Page - Nel Frequency Controls,inc |
1 / 2 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com TTL Compatible Enable/Disable HA-1210 Series Description The HA-1210 Series of quartz crystal oscillators provide enable/disable 3-state TTL compatible signals for bus connected systems. Supplying Pin 1 of the HA-1210 units with a logic “1" enables the output on Pin 5. In the disabled mode, Pin 5 presents a high impedance to the load. All units are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard. Features • Wide frequency range– 0.5MHz to 36MHz • User specified tolerance available • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum • Space-saving alternative to discrete component oscillators • High shock resistance, to 3000g • All metal, resistance weld, hermetically sealed package • Low Jitter • High Q Crystal actively tuned oscillator circuit • Power supply decoupling internal • No internal PLL avoids cascading PLL problems • Low power consumption • Gold plated leads - Solder dipped leads available upon request • RoHS compliant, Lead Free Construction (unless solder dipped leads are supplied) Electrical Connection Pin Connection 1 Enable Input 4 Grd & Case 5 Output 8 V CC Dimensions are in inches and (MM) CRYSTAL CLOCK OSCILLATORS Data Sheet 8820B Rev. L |
유사한 부품 번호 - SA-A1211 |
|
유사한 설명 - SA-A1211 |