전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101BW-GS08 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SD101BW-GS08
상세설명  Small Signal Schottky Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101BW-GS08 데이터시트(HTML) 3 Page - Vishay Siliconix

  SD101BW-GS08 Datasheet HTML 1Page - Vishay Siliconix SD101BW-GS08 Datasheet HTML 2Page - Vishay Siliconix SD101BW-GS08 Datasheet HTML 3Page - Vishay Siliconix SD101BW-GS08 Datasheet HTML 4Page - Vishay Siliconix SD101BW-GS08 Datasheet HTML 5Page - Vishay Siliconix SD101BW-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SD101AW / 101BW / 101CW
Document Number 85679
Rev. 1.4, 16-Dec-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Typical Variation of Forward Current vs. Forward Voltage
Figure 2. Typical Forward Conduction Curve
Figure 3. Typical Variation of Reverse Current at Various
Temperatures
0.01
0.1
1
10
0
0.4
0.6
0.8
1.0
0.2
A
B
C
VF - Forward Voltage(V)
18477
A
B
C
0
0.4
0.6
0.8
1.0
0.2
60
20
80
40
0
100
VF - Forward Voltage(V)
18478
100
10
1
0.1
0.01
10
20
30
40
050
75
°C
50
°C
25
°C
150
°C
125
°C
100
°C
VR - Reverse Voltage(V)
18479
Figure 4. Typical Capacitance Curve as a Function of Reverse
Voltage
18480
10
20
30
40
0
0
1.0
1.2
1.4
1.6
1.8
2.0
0.6
0.8
0.2
0.4
50
Tj =25° C
C
B
A
VR - Reverse Voltage(V)


유사한 부품 번호 - SD101BW-GS08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SD101BW-G VISHAY-SD101BW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
More results

유사한 설명 - SD101BW-GS08

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com