전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSI80C50 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 SSI80C50
상세설명  Phoneme Speech synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SSI80C50 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSI80C50 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSI80C50 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSI80C50 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSI80C50 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSI80C50 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSI80C50 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSI80C50 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSI80C50 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSI80C50 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image


유사한 부품 번호 - SSI80C50

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSI-LX20583GDFT150 LUMEX-SSI-LX20583GDFT150 Datasheet
55Kb / 1P
   t-2 565mm GREEN STOVEPIPE LED
SSI-LX20583HGWFT15 LUMEX-SSI-LX20583HGWFT15 Datasheet
56Kb / 1P
   T-2 700mm RED/ 565mm GREEN STOVEPIPE LED
SSI-LX3054ID-24V LUMEX-SSI-LX3054ID-24V Datasheet
56Kb / 1P
   T-3mm 635mm HIGH INTENSITY RED LED
SSI-LX3054IGW-150 LUMEX-SSI-LX3054IGW-150 Datasheet
84Kb / 1P
   T-3mm LED, RED/GREEN LED, MILKY WHITE DIFFUSED
SSI-LX305F4SRD-100 LUMEX-SSI-LX305F4SRD-100 Datasheet
57Kb / 1P
   T-3mm LED PANEL MOUNT INDICATOR
More results

유사한 설명 - SSI80C50

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SC-01 ETC1-SC-01 Datasheet
1Mb / 41P
   Speech Synthesizer
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
Texas Instruments
TMS50C20 TI-TMS50C20 Datasheet
3Mb / 74P
[Old version datasheet]   A CMOS SPEECH SYNTHESIZER
logo
List of Unclassifed Man...
N584HP300 ETC2-N584HP300 Datasheet
562Kb / 11P
   4-bit microcontroller-based speech synthesizer
logo
OKI electronic componet...
MSM66P54 OKI-MSM66P54 Datasheet
298Kb / 22P
   One-Time Programmable (OTP) Speech Synthesizer
logo
List of Unclassifed Man...
N584HXXX ETC2-N584HXXX Datasheet
590Kb / 11P
   4-bit microcontroller-based speech synthesizer
logo
Winbond
W523X WINBOND-W523X Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
logo
ELAN Microelectronics C...
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
   TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
logo
OKI electronic componet...
MSM6679A-110 OKI-MSM6679A-110 Datasheet
259Kb / 50P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com