전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF904AWR 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 BF904AWR
상세설명  N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF904AWR 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button BF904AWR Datasheet HTML 6Page - NXP Semiconductors BF904AWR Datasheet HTML 7Page - NXP Semiconductors BF904AWR Datasheet HTML 8Page - NXP Semiconductors BF904AWR Datasheet HTML 9Page - NXP Semiconductors BF904AWR Datasheet HTML 10Page - NXP Semiconductors BF904AWR Datasheet HTML 11Page - NXP Semiconductors BF904AWR Datasheet HTML 12Page - NXP Semiconductors BF904AWR Datasheet HTML 13Page - NXP Semiconductors BF904AWR Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 May 14
10
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
Table 1
Scattering parameters: VDS = 5 V; VG2-S = 4 V; ID = 10 mA; Tamb =25 °C
Table 2
Noise data: VDS = 5 V; VG2-S = 4 V; ID = 10 mA; Tamb =25 °C
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
40
0.989
−3.2
2.52
175.9
0.001
87.9
0.989
−1.7
100
0.987
−7.9
2.52
169.4
0.001
86.1
0.988
−4.3
200
0.976
−15.7
2.47
159.2
0.003
81.4
0.984
−8.6
300
0.972
−23.3
2.43
150.5
0.004
80.5
0.985
−12.7
400
0.947
−30.6
2.36
139.6
0.005
76.9
0.975
−16.9
500
0.925
−37.6
2.26
130.3
0.005
75.6
0.968
−20.8
600
0.905
−44.4
2.19
121.1
0.005
75.5
0.961
−24.7
700
0.883
−50.9
2.10
112.3
0.006
78.0
0.954
−28.4
800
0.861
−57.0
2.01
103.6
0.006
85.3
0.946
−32.0
900
0.841
−63.0
1.93
95.5
0.006
90.7
0.934
−35.6
1000
0.822
−68.4
1.85
87.8
0.006
102.6
0.931
−39.3
1200
0.787
−78.9
1.71
72.3
0.007
127.1
0.923
−46.7
1400
0.752
−88.1
1.59
57.3
0.011
143.7
0.926
−54.2
1600
0.723
−97.3
1.47
40.1
0.019
150.0
0.935
−62.2
1800
0.685
−106.3
1.36
25.0
0.021
149.4
0.931
−69.3
2000
0.665
−114.0
1.31
7.7
0.026
151.5
0.930
−77.7
2200
0.659
−119.8
1.30
−14.0
0.035
158.2
0.944
−89.1
2400
0.670
−124.2
1.26
−42.2
0.050
163.4
0.941
−103.5
2600
0.700
−129.3
1.10
−78.2
0.076
162.2
0.849
−119.7
2800
0.729
−138.7
0.82
−120.8
0.106
150.5
0.642
−130.9
3000
0.726
−150.1
0.52
−162.8
0.128
137.4
0.480
−130.6
f
(MHz)
Fmin
(dB)
Γopt
Rn
(
Ω)
(ratio)
(deg)
800
2.0
0.686
49.6
50.4


유사한 부품 번호 - BF904AWR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF904AWR NXP-BF904AWR Datasheet
308Kb / 15P
   N-channel dual gate MOS-FETs
Rev. 04-13 November 2007
BF904AWR NXP-BF904AWR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

유사한 설명 - BF904AWR

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com