전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV212BBCZRL-115 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADV212BBCZRL-115
상세설명  JPEG 2000 Video Codec
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV212BBCZRL-115 데이터시트(HTML) 5 Page - Analog Devices

  ADV212BBCZRL-115 Datasheet HTML 1Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 2Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 3Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 4Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 5Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 6Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 7Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 8Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADV212
Rev. 0 | Page 5 of 44
CLOCK AND RESET SPECIFICATIONS
Table 3.
Parameter
Mnemonic
Min
Typ
Max
Unit
MCLK Period
tMCLK
13.3
100
ns
MCLK Frequency
fMCLK
10
75.18
MHz
MCLK Width Low
tMCLKL
6
ns
MCLK Width High
tMCLKH
6
ns
VCLK Period
tVCLK
13.4
50
ns
VCLK Frequency
fVCLK
20
74.60
MHz
VCLK Width Low
tVCLKL
5
ns
VCLK Width High
tVCLKH
5
ns
RESET Width Low
t
RESET
5
MCLK cycles1
1 For a definition of MCLK, see Figure 32.
MCLK
VCLK
tMCLK
tMCLKH
tMCLKL
tVCLKH
tVCLKL
tVCLK
Figure 2. Input Clock


유사한 부품 번호 - ADV212BBCZRL-115

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV212BBCZRL-115 AD-ADV212BBCZRL-115 Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
More results

유사한 설명 - ADV212BBCZRL-115

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZR36060 ETC-ZR36060 Datasheet
307Kb / 46P
   Integrated JPEG CODEC
logo
Sanyo Semicon Device
LC82210 SANYO-LC82210 Datasheet
57Kb / 2P
   Motion JPEG Codec
logo
Analog Devices
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV202 AD-ADV202 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com