전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF909WR 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 BF909WR
상세설명  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF909WR 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button BF909WR Datasheet HTML 2Page - NXP Semiconductors BF909WR Datasheet HTML 3Page - NXP Semiconductors BF909WR Datasheet HTML 4Page - NXP Semiconductors BF909WR Datasheet HTML 5Page - NXP Semiconductors BF909WR Datasheet HTML 6Page - NXP Semiconductors BF909WR Datasheet HTML 7Page - NXP Semiconductors BF909WR Datasheet HTML 8Page - NXP Semiconductors BF909WR Datasheet HTML 9Page - NXP Semiconductors BF909WR Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Sep 05
6
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF909WR
Fig.7
Forward transfer admittance as a
function of drain current; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
60
40
20
0
10
20
30
MLB940
y fs
(mS)
I
(mA)
D
3.5 V
3 V
2.5 V
2 V
V
= 4 V
G2 S
Fig.8
Drain current as a function of gate 1 current;
typical values.
VDS =5V.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
020
40
60
25
0
20
MLB941
15
10
5
I
(
µA)
G1
I D
(mA)
Fig.9
Drain current as a function of gate 1
supply voltage (= VGG); typical values;
see Fig.17.
VDS = 5 V; VG2-S =4V.
RG1 = 120 kΩ (connected to VGG); Tj =25 °C.
handbook, halfpage
02
46
16
12
4
0
8
MLB942
V
(V)
GG
I D
(mA)
Fig.10 Drain current as a function of gate 1
(= VGG) and drain supply voltage;
typical values; see Fig.17.
VG2-S =4V.
RG1 connected to VGG; Tj =25 °C.
handbook, halfpage
0
30
20
10
0
24
8
MLB943
6
V
= V
(V)
GG
DS
I D
(mA)
R
= 47 k
G1
68 k
82 k
100 k
120 k
150 k
180 k
220 k


유사한 부품 번호 - BF909WR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF909WR NXP-BF909WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF909WR JMNIC-BF909WR_15 Datasheet
138Kb / 12P
   N-channel dual-gate MOS-FET
BF909WR_2015 JMNIC-BF909WR_2015 Datasheet
138Kb / 12P
   N-channel dual-gate MOS-FET
More results

유사한 설명 - BF909WR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com