전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF909WR 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 BF909WR
상세설명  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF909WR 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button BF909WR Datasheet HTML 4Page - NXP Semiconductors BF909WR Datasheet HTML 5Page - NXP Semiconductors BF909WR Datasheet HTML 6Page - NXP Semiconductors BF909WR Datasheet HTML 7Page - NXP Semiconductors BF909WR Datasheet HTML 8Page - NXP Semiconductors BF909WR Datasheet HTML 9Page - NXP Semiconductors BF909WR Datasheet HTML 10Page - NXP Semiconductors BF909WR Datasheet HTML 11Page - NXP Semiconductors BF909WR Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Sep 05
9
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF909WR
Table 1
Scattering parameters: VDS = 5 V; VG2-S = 4 V; ID = 15 mA; Tamb =25 °C
Table 2
Noise data: VDS = 5 V; VG2-S = 4 V; ID = 15 mA; Tamb =25 °C
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.985
−6.4
4.064
172.3
0.001
86.9
0.985
−3.2
100
0.978
−12.6
3.997
164.9
0.002
82.7
0.982
−6.4
200
0.957
−25.0
3.886
150.8
0.005
74.3
0.973
−12.6
300
0.931
−36.5
3.682
137.3
0.006
68.9
0.960
−18.6
400
0.899
−47.6
3.484
123.8
0.007
59.6
0.947
−24.2
500
0.868
−57.4
3.260
111.7
0.007
57.9
0.936
−29.6
600
0.848
−66.6
3.053
101.0
0.006
58.5
0.927
−34.8
700
0.816
−74.6
2.829
90.3
0.005
65.5
0.919
−39.8
800
0.792
−82.2
2.652
79.9
0.005
83.3
0.913
−44.6
900
0.772
−89.3
2.470
69.5
0.005
114.9
0.910
−49.5
1000
0.754
−95.6
2.328
59.5
0.006
138.7
0.909
−54.6
f
(MHz)
Fmin
(dB)
Γopt
rn
(ratio)
(deg)
800
2.00
0.603
67.71
0.581


유사한 부품 번호 - BF909WR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF909WR NXP-BF909WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF909WR JMNIC-BF909WR_15 Datasheet
138Kb / 12P
   N-channel dual-gate MOS-FET
BF909WR_2015 JMNIC-BF909WR_2015 Datasheet
138Kb / 12P
   N-channel dual-gate MOS-FET
More results

유사한 설명 - BF909WR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com