전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC9202PWP 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TPIC9202PWP
상세설명  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC9202PWP 데이터시트(HTML) 4 Page - Texas Instruments

  TPIC9202PWP Datasheet HTML 1Page - Texas Instruments TPIC9202PWP Datasheet HTML 2Page - Texas Instruments TPIC9202PWP Datasheet HTML 3Page - Texas Instruments TPIC9202PWP Datasheet HTML 4Page - Texas Instruments TPIC9202PWP Datasheet HTML 5Page - Texas Instruments TPIC9202PWP Datasheet HTML 6Page - Texas Instruments TPIC9202PWP Datasheet HTML 7Page - Texas Instruments TPIC9202PWP Datasheet HTML 8Page - Texas Instruments TPIC9202PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
DETAILED DESCRIPTION
TPIC9202
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS116B – MAY 2005 – REVISED JUNE 2006
The 5-V regulator is powered from VIN, and the regulated output is within 5 V ±5% over the operating conditions.
The open-drain power-on reset (RST) pin remains low until the regulator exceeds the set threshold, and the
timer value set by the capacitor on the reset delay (RDELAY) pin expires. If both of these conditions are satisfied,
RST is asserted high. This signifies to the microcontroller that serial communications can be initiated to the
TPIC9202.
The serial communications is an 8-bit format, with data transfer synchronized using a serial clock from the
microcontroller. A single register controls all the outputs (one bit per output). The default value is zero (OFF). If
an output requires pulse width modulation (PWM) function, the register must be updated at a rate faster than the
desired PWM frequency. OUT1 can be controlled by serial input from the microcontroller or with the dedicated
enable (EN1) pin. If EN1 is pulled low or left open, the serial input through the shift register controls OUT1. If
EN1 is pulled high, OUT1 always is turned on, and the serial input for OUT1 is ignored.
The brown-out (BO) input is a resistor divided from the input supply and is used to determine if the supply
voltage drops to undesired levels. If the input drops below the programmed value, BO_OUTZ is pulled low, and
all outputs are disabled. Once the input supply line returns to the minimum desired level, the outputs are
enabled to the previous programmed states.
If RST is asserted, all outputs are turned OFF internally, and the input register is reset to all zeroes. The
microcontroller must write to the register to turn the outputs ON again.
4
Submit Documentation Feedback


유사한 부품 번호 - TPIC9202PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC9202PWP TI-TPIC9202PWP Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202PWPG4 TI-TPIC9202PWPG4 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202PWPR TI-TPIC9202PWPR Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202PWPRG4 TI-TPIC9202PWPRG4 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

유사한 설명 - TPIC9202PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com