전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL7660 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TL7660
상세설명  CMOS VOLTAGE CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL7660 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TL7660 Datasheet HTML 4Page - Texas Instruments TL7660 Datasheet HTML 5Page - Texas Instruments TL7660 Datasheet HTML 6Page - Texas Instruments TL7660 Datasheet HTML 7Page - Texas Instruments TL7660 Datasheet HTML 8Page - Texas Instruments TL7660 Datasheet HTML 9Page - Texas Instruments TL7660 Datasheet HTML 10Page - Texas Instruments TL7660 Datasheet HTML 11Page - Texas Instruments TL7660 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
Theoretical Power Efficiency Considerations
Do's and Don'ts
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
APPLICATION INFORMATION (continued)
In theory, a voltage converter can approach 100% efficiency if certain conditions are met.
The driver circuitry consumes minimal power.
The output switches have extremely low ON resistance and virtually no offset.
The impedances of the pump and reservoir capacitors are negligible at the pump frequency.
The TL7660 approaches these conditions for negative voltage conversion if large values of C1 and C2 are used.
Energy is only lost in the transfer of charge between capacitors if a change in voltage occurs. The energy lost is
defined by:
E = ½ C1(V1
2 – V
2
2)
Where V1 and V2 are the voltages on C1 during the pump and transfer cycles. If the impedances of C1 and C2
are relatively high at the pump frequency (see Figure 2) compared to the value of RL, there is a substantial
difference in the voltages V1 and V2. Therefore, it is not only desirable to make C2 as large as possible to
eliminate output voltage ripple but also to employ a correspondingly large value for C1 in order to achieve
maximum efficiency of operation.
Do not exceed maximum supply voltages.
Do not connect LV terminal to GND for supply voltages greater than 3.5 V.
Do not short circuit the output to VCC supply for supply voltages above 5.5 V for extended periods, however,
transient conditions including start-up are okay.
When using polarized capacitors, the positive terminal of C1 must be connected to terminal 2 of the TL7660,
and the positive terminal of C2 must be connected to GND.
If the voltage supply driving the TL7660 has a large source impedance (25
Ω – 30 Ω), then a 2.2-µF
capacitor from terminal 8 to ground may be required to limit rate of rise of input voltage to less than 2V/
µs.
Ensure that the output (terminal 5) does not go more positive than GND (terminal 3). Device latch up occurs
under these conditions. A 1N914 or similar diode placed in parallel with C2 prevents the device from latching
up under these conditions (anode to terminal 5, cathode to terminal 3).
8
Submit Documentation Feedback


유사한 부품 번호 - TL7660

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7660 TI1-TL7660 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
TL7660CD TI1-TL7660CD Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
TL7660CDG4 TI1-TL7660CDG4 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
TL7660CDGKR TI1-TL7660CDGKR Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
TL7660CDGKT TI1-TL7660CDGKT Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
More results

유사한 설명 - TL7660

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
   CMOS Voltage Converter
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
   CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
   CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
   CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
LTC1044A LINER-LTC1044A Datasheet
275Kb / 12P
   12V CMOS Voltage Converter
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
   100mA CMOS Voltage Converter
LTC660 LINER-LTC660_15 Datasheet
238Kb / 12P
   100mA CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com