전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6208-3-G 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 TLE6208-3-G
상세설명  Triple-Half-Bridge
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6208-3-G 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6208-3-G Datasheet HTML 6Page - Infineon Technologies AG TLE6208-3-G Datasheet HTML 7Page - Infineon Technologies AG TLE6208-3-G Datasheet HTML 8Page - Infineon Technologies AG TLE6208-3-G Datasheet HTML 9Page - Infineon Technologies AG TLE6208-3-G Datasheet HTML 10Page - Infineon Technologies AG TLE6208-3-G Datasheet HTML 11Page - Infineon Technologies AG TLE6208-3-G Datasheet HTML 12Page - Infineon Technologies AG TLE6208-3-G Datasheet HTML 13Page - Infineon Technologies AG TLE6208-3-G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TLE 6208-3 G
Data Sheet
10
2001-05-10
2.3
Electrical Characteristics
8V<
VS < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open; – 40 °C< Tj < 150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Current Consumption
Quiescent current
I
S
820
µA
INH = Low;
V
S = 13.2 V
T
j = 25 °C
Quiescent current
I
S
––
30
µA
INH = Low;
V
S = 13.2 V;
Logic-Supply current
I
CC
210
µA
INH = Low
Logic-Supply current
I
CC
1
2
mA
SPI not active
Supply current
I
S
25mA
Over- and Under-Voltage Lockout
UV-Switch-ON voltage
V
UV ON
6.5
7
V
V
S increasing
UV-Switch-OFF voltage
V
UV OFF
5.6
6.1
6.6
V
V
S decreasing
UV-ON/OFF-Hysteresis
V
UV HY
0.4
V
V
UV ON VUV OFF
OV-Switch-OFF voltage
V
OV OFF
34
37
40
V
V
S increasing
OV-Switch-ON voltage
V
OV ON
30
33
36
V
V
S decreasing
OV-ON/OFF-Hysteresis
V
OV HY
4
V
V
OV OFF VOV ON


유사한 부품 번호 - TLE6208-3-G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
TLE6208-3G INFINEON-TLE6208-3G Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
TLE6208-3G INFINEON-TLE6208-3G_07 Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
More results

유사한 설명 - TLE6208-3-G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
logo
ATMEL Corporation
ATA6831 ATMEL-ATA6831 Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com