전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8386 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8386
상세설명  10-Bit, 12-Channel Output Decimating LCD Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8386 데이터시트(HTML) 3 Page - Analog Devices

  AD8386 Datasheet HTML 1Page - Analog Devices AD8386 Datasheet HTML 2Page - Analog Devices AD8386 Datasheet HTML 3Page - Analog Devices AD8386 Datasheet HTML 4Page - Analog Devices AD8386 Datasheet HTML 5Page - Analog Devices AD8386 Datasheet HTML 6Page - Analog Devices AD8386 Datasheet HTML 7Page - Analog Devices AD8386 Datasheet HTML 8Page - Analog Devices AD8386 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8386
Rev. 0 | Page 3 of 20
SPECIFICATIONS
DECDRIVER® SECTION
At 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, VRH = 9.5 V, VRL = 7 V, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
VIDEO DC PERFORMANCE1
TA MIN to TA MAX
VDE
DAC Code 450 to 800
−7.5
+7.5
mV
VCME
DAC Code 450 to 800
−3.5
+3.5
mV
VIDEO OUTPUT DYNAMIC PERFORMANCE
TA MIN to TA MAX, CL = 150 pF
Data Switching Slew Rate
20% to 80%, VO = 5 V step
400
V/μs
Invert Switching Slew Rate
20% to 80%, VO = 10 V step
560
V/μs
Data Switching Settling Time to 1%
24
35
ns
Data Switching Settling Time to 0.25%
35
50
ns
Invert Switching Settling Time to 1%
80
130
ns
Invert Switching Settling Time to 0.25%
250
500
ns
Invert Switching Overshoot
10 V Step
100
200
mV
CLK and Data Feedthrough2
15
mV p-p
All-Hostile Crosstalk3
Amplitude
50
mV p-p
Glitch Duration
30
ns
DAC Transition Glitch Energy
DAC code 511 to 512
0.6
nV-s
VIDEO OUTPUT CHARACTERISTICS
Output Voltage Swing
AVCC − VOH, VOL − AGND
1.1
1.3
V
Output Voltage—Grounded Mode
200
mV
Data Switching Delay: t94
5 V step
12
14
16
ns
INV Switching Delay: t105
10 V step
15
17
19
ns
Output Current
100
mA
Output Resistance
29
Ω
REFERENCE INPUTS
VRL Range
VRH ≥ VRL
5.25
AVCC − 4
V
VRH Range
VRH ≥ VRL
VRL
AVCC
V
VRH – VRL Range
VFS = 2 × (VRH − VRL)
0
2.75
V
VRH Input Resistance
To VRL
20
VRL Input Current
−45
μA
VRH Input Current
125
μA
RESOLUTION
Coding
Binary
10
Bits
DIGITAL INPUT CHARACTERISTICS
CIN
3
pF
IIH
0.05
μA
IIL
−2
μA
VIH
2
V
VIL
0.8
V
VTH
1.65
V
IIH TSW
330
μA
IIL TSW
−2
μA
TSW RPULLDOWN
10


유사한 부품 번호 - AD8386

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8386 AD-AD8386 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
More results

유사한 설명 - AD8386

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com