전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD08CM0SK 데이터시트(PDF) 4 Page - ITT Industries

부품명 CD08CM0SK
상세설명  8mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

CD08CM0SK 데이터시트(HTML) 4 Page - ITT Industries

  CD08CM0SK Datasheet HTML 1Page - ITT Industries CD08CM0SK Datasheet HTML 2Page - ITT Industries CD08CM0SK Datasheet HTML 3Page - ITT Industries CD08CM0SK Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-31
I
C&K CD Series
8mm DIP Coded Rotary Switches
TERMINATIONS
C PC THRU-HOLE
A RIGHT ANGLE, PC THRU-HOLE
S SURFACE MOUNT
.200
(5,08)
.100 TYP.
(2,54)
Ø.032
(0,81)
TYP.
.050.
(1,27)
.200
(5,08)
.100
(2,54)
.020 TYP.
(0,51)
.010
(0,25)
.183
(4,64)
TYP.
.025
(0,64)
.025
(0,64)
.132
(3,34)
.025 TYP.
(0,64)
STAND-OFF
.315
(8,00)
.330
(8,36)
.315
(8,00)
.099
(2,52)
1C 4
.200
(5,08)
8
1
3
2
1
C
4
8
C
2
8
C
2
1
C
4
F 1
0
1
C
4
8
C
2
.300
(7,62)
.032 TYP.
(0.81)
.100 TYP.
(2,54)
.315
(8,00)
.200
(5.08)
.100
(2,54)
.168
(4,27)
.305
(7,75)
.010 TYP
(0,25)
.125 TYP
(3,18)
.025 TYP
(0,64)
.020 TYP
(0,51)
.020 TYP.
(0,51)
.010 THK.
(0,25)
.040 TYP.
(1,02)
.315
(8,00)
.315
(8,00)
.200
(5,08)
.390
(9,90)
.174
(4,41)
.006
(0,15)
.100
(2,54)
8
C
2
1
C
4
.200
(5,08)
.100 TYP.
(2,54)
.080
(2,03)
.050
(1,27)
TYP.
.430
(10,92)
0
9 1
1
C
4
8
C
2
CONTACT MATERIAL
For part number CDxxMOSK
Reel Information
Outside diameter
13.00 (333,0)
Pilot hole
.512 (13,0)
TAPE & REEL
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATING
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
K
0.4 VC MAX. @ 20 V AC or DC MAX.
GOLD
TIN-LEAD
NO
YES
GOLD
GOLD
B
0.4 VC MAX. @ 20 V AC or DC MAX.
YES
YES
LOW LEVEL/DRY CIRCUIT
LOW LEVEL/DRY CIRCUIT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.


유사한 부품 번호 - CD08CM0SK

제조업체부품명데이터시트상세설명
logo
C&K Components
CD08CM0S-B-R CK-COMPONENTS-CD08CM0S-B-R Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
CD08CM0S-K-R CK-COMPONENTS-CD08CM0S-K-R Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
More results

유사한 설명 - CD08CM0SK

제조업체부품명데이터시트상세설명
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com