전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV320MT100REI 데이터시트(PDF) 11 Page - Advanced Micro Devices

부품명 AM29LV320MT100REI
상세설명  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320MT100REI 데이터시트(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV320MT100REI Datasheet HTML 7Page - Advanced Micro Devices AM29LV320MT100REI Datasheet HTML 8Page - Advanced Micro Devices AM29LV320MT100REI Datasheet HTML 9Page - Advanced Micro Devices AM29LV320MT100REI Datasheet HTML 10Page - Advanced Micro Devices AM29LV320MT100REI Datasheet HTML 11Page - Advanced Micro Devices AM29LV320MT100REI Datasheet HTML 12Page - Advanced Micro Devices AM29LV320MT100REI Datasheet HTML 13Page - Advanced Micro Devices AM29LV320MT100REI Datasheet HTML 14Page - Advanced Micro Devices AM29LV320MT100REI Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
May 16, 2003
Am29LV320MT/B
11
DA T A SH EET
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
data on the device data outputs. The device remains
enabled for read access until the command register
contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read-Only Operations table for timing spec-
ifications and to Figure 14 for the timing diagram.
Refer to the DC Characteristics table for the active
current specification on reading array data.
Page Mode Read
The device is capable of fast page mode read and is
compatible with the page mode Mask ROM read oper-
ation. This mode provides faster read access speed
for random locations within a page. The page size of
the device is 4 words/8 bytes. The appropriate page is
selected by the higher address bits A(max)–A2. Ad-
dress bits A1–A0 in word mode (A1–A-1 in byte mode)
determine the specific word within a page. This is an
asynchronous operation; the microprocessor supplies
the specific word location.
The random or initial page access is equal to t
ACC or
t
CE and subsequent page read accesses (as long as
the locations specified by the microprocessor falls
within that page) is equivalent to t
PACC. When CE# is
deasserted and reasserted for a subsequent access,
the access time is t
ACC or tCE.
Fast page mode ac-
cesses are obtained by keeping the “read-page ad-
dresses” constant and changing the “intra-read page”
addresses.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to V
IL, and OE# to VIH.
The device features an Unlock Bypass mode to facil-
itate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are re-
quired to program a word or byte, instead of four. The
“Word/Byte Program Command Sequence” section
has details on programming data to the device using
both standard and Unlock Bypass command se-
quences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Tables 3 and 2 indicates the
address space that each sector occupies.
Refer to the DC Characteristics table for the active
current specification for the write mode. The AC Char-
acteristics section contains timing specification tables
and timing diagrams for write operations.
Write Buffer
Write Buffer Programming allows the system to write a
maximum of 16 words/32 bytes in one programming
operation. This results in faster effective programming
time than the standard programming algorithms. See
“Write Buffer” for more information.
Accelerated Program Operation
The device offers accelerated program operations
through the ACC function. This is one of two functions
provided by the WP#/ACC pin. This function is prima-
rily intended to allow faster manufacturing throughput
at the factory.
If the system asserts V
HH on this pin, the device auto-
matically enters the aforementioned Unlock Bypass
mode, temporarily unprotects any protected sectors,
and uses the higher voltage on the pin to reduce the
time required for program operations. The system
would use a two-cycle program command sequence
as required by the Unlock Bypass mode. Removing
V
HH from the WP#/ACC pin returns the device to nor-
mal operation. Note that the WP#/ACC pin must not
be at V
HH for operations other than accelerated pro-
gramming, or device damage may result. In addition,
no external pullup is necessary since the WP#/ACC
pin has internal pullup to V
CC.
Autoselect Functions
If the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in
this mode. Refer to the Autoselect Mode and Autose-
lect Command Sequence sections for more informa-
tion.
Standby Mode
When the system is not reading or writing to the de-
vice, it can place the device in the standby mode. In
this mode, current consumption is greatly reduced,
and the outputs are placed in the high impedance
state, independent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at V
CC ± 0.3 V.
(Note that this is a more restricted voltage range than
V
IH.) If CE# and RESET# are held at VIH, but not within
V
CC ± 0.3 V, the device will be in the standby mode,
but the standby current will be greater. The device re-
quires standard access time (t
CE) for read access
when the device is in either of these standby modes,
before it is ready to read data.


유사한 부품 번호 - AM29LV320MT100REI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29LV320MT100REI SPANSION-AM29LV320MT100REI Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
More results

유사한 설명 - AM29LV320MT100REI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT AMD-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV640MT SPANSION-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com