전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDD40-48S04 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 KDD40-48S04
상세설명  DC-DC CONVERTER 33 ~ 48W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

KDD40-48S04 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  KDD40-48S04 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDD40-48S04 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDD40-48S04 Datasheet HTML 3Page - List of Unclassifed Manufacturers KDD40-48S04 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-DC CONVERTER
KDD40 SERIES
33 ~ 48W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.) CASE
Dual Output Models
KDD40 – 12D01
9~18 VDC
37.5 WATTS
± 5 VDC
+7000/-500 mA 75%
C
KDD40 – 12D02
9~18 VDC
42 WATTS
± 12 VDC
+3000/-500 mA 78%
C
KDD40 – 12D03
9~18 VDC
37.5 WATTS
± 15 VDC
+2000/-500 mA 79%
C
KDD40 – 24D01
18~36 VDC
42.5 WATTS
± 5 VDC
+8000/-500 mA 77%
C
KDD40 – 24D02
18~36 VDC
42 WATTS
± 12 VDC
+3000/-500 mA 78%
C
KDD40 – 24D03
18~36 VDC
37.5 WATTS
± 15 VDC
+2000/-500 mA 80%
C
KDD40 – 48D01
36~72 VDC
42.5 WATTS
± 5 VDC
+8000/-500 mA 79%
C
KDD40 – 48D02
36~72 VDC
42 WATTS
± 12 VDC
+3000/-500 mA 81%
C
KDD40 – 48D03
36~72 VDC
37.5 WATTS
± 15 VDC
+2000/-500 mA 82%
C
Triple Output Models
KDD40 – 12T01
9~18 VDC
42 WATTS
+5V/±12V
+6000/±500 mA 76%
C
KDD40 – 12T02
9~18 VDC
45 WATTS
+5V/±15V
+6000/±500 mA 77%
C
KDD40 – 24T01
18~36 VDC
42 WATTS
+5V/±12V
+6000/±500 mA 77%
C
KDD40 – 24T02
18~36 VDC
45 WATTS
+5V/±15V
+6000/±500 mA 78%
C
KDD40 – 24T03
18~36 VDC
38.5 WATTS
+5V/+12V/-5V
+6A/+0.5A/-0.5A 78%
C
KDD40 – 48T01
36~72 VDC
42 WATTS
+5V/±12V
+6000/±500 mA 78%
C
KDD40 – 48T02
36~72 VDC
45 WATTS
+5V/±15V
+6000/±500 mA 79%
C
KDD40 – 48T03
36~72 VDC
38.5 WATTS
+5V/+12V/-5V
+3000/-500 mA 79%
C
FEATURES
* 2:1 INPUT RANGE
* ISOLATION INPUT AND OUTPUT 1.5KV DC
* HIGH PERFORMANCE UP TO 84%
* SHORT CIRCUIT PROTECTION
* 2 YEARS WARRANTY


유사한 부품 번호 - KDD40-48S04

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
KDD COOPER-KDD Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDD EATON-KDD Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
VBsemi Electronics Co.,...
KDD VBSEMI-KDD Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Chinfa Electronics Ind....
KDD20-9093 CHINFA-KDD20-9093 Datasheet
176Kb / 2P
   DC - DC CONVERTER 17W
logo
List of Unclassifed Man...
KDD25 ETC-KDD25 Datasheet
147Kb / 3P
   DC-DC CONVERTER
More results

유사한 설명 - KDD40-48S04

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2 Datasheet
332Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Artesyn Technologies
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
   33-50W Wide Input DC/DC Converters
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com