전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDD40-24T01 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 KDD40-24T01
상세설명  DC-DC CONVERTER 33 ~ 48W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

KDD40-24T01 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  KDD40-24T01 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDD40-24T01 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDD40-24T01 Datasheet HTML 3Page - List of Unclassifed Manufacturers KDD40-24T01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC-DC CONVERTER
KDD40 SERIES
33 ~ 48W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
MECHANISM & PIN CONFIGURATION
mm [inch]
PHYSICAL CHARACTERISTICS
PIN ASSIGMENT
PIN NO.
1
2
3
4
5
6
7
SINGLE
Vi+
Vi-
Vo+
Vo+
Vo-
Vo-
N.C.
DUAL
Vi+
Vi-
Vo+
Vo+
com
com
Vo-
TRIPLE
Vi+
Vi-
+5V OUT
com
Vo+
com
Vo-
Derating:
[TABLE 1]
0
100
NATURAL
CONVECTION
COOLING
Ambient Temperture [℃]
-25
70
85
60
CASE SIZE
70 x 100 x 23mm
2.76 x 3.94 x 0.91inches
CASE MATERIAL
Metal
WEIGHT
270 g


유사한 부품 번호 - KDD40-24T01

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
KDD COOPER-KDD Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDD EATON-KDD Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
VBsemi Electronics Co.,...
KDD VBSEMI-KDD Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Chinfa Electronics Ind....
KDD20-9093 CHINFA-KDD20-9093 Datasheet
176Kb / 2P
   DC - DC CONVERTER 17W
logo
List of Unclassifed Man...
KDD25 ETC-KDD25 Datasheet
147Kb / 3P
   DC-DC CONVERTER
More results

유사한 설명 - KDD40-24T01

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2 Datasheet
332Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Artesyn Technologies
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
   33-50W Wide Input DC/DC Converters
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com