전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6654 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD6654
상세설명  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6654 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD6654 Datasheet HTML 5Page - Analog Devices AD6654 Datasheet HTML 6Page - Analog Devices AD6654 Datasheet HTML 7Page - Analog Devices AD6654 Datasheet HTML 8Page - Analog Devices AD6654 Datasheet HTML 9Page - Analog Devices AD6654 Datasheet HTML 10Page - Analog Devices AD6654 Datasheet HTML 11Page - Analog Devices AD6654 Datasheet HTML 12Page - Analog Devices AD6654 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
AD6654
Rev. 0 | Page 9 of 88
TIMING CHARACTERISTICS
Table 7.
Parameter1, 2, 3
Temp
Test Level
Min
Typ
Max
Unit
CLK TIMING REQUIREMENTS
tCLK
CLK Period
Full
IV
10.85
ns
tCLKL
CLK Width Low
Full
IV
5.154
0.5 × tCLK
ns
tCLKH
CLK Width High
Full
IV
5.154
0.5 × tCLK
ns
INPUT WIDEBAND DATA TIMING REQUIREMENTS
tDEXP
↑CLK to EXP[2:0] Delay
Full
IV
5.98
10.74
ns
PARALLEL OUTPUT PORT TIMING REQUIREMENTS (MASTER)
tDPREQ
↑PCLK to ↑Px REQ Delay (x = A, B, C)
Full
IV
1.77
3.86
ns
tDPP
↑PCLK to Px[15:0] Delay (x = A, B, C)
Full
IV
2.07
5.29
ns
tDPIQ
↑PCLK to Px IQ Delay (x = A, B, C)
Full
IV
0.48
5.49
ns
tDPCH
↑PCLK to Px CH[2:0] Delay (x = A, B, C)
Full
IV
0.38
5.35
ns
tDPGAIN
↑PCLK to Px Gain Delay (x = A, B, C)
Full
IV
0.23
4.95
ns
tSPA
Px ACK to
↑PCLK Setup Time (x = A, B, C)
Full
IV
4.59
ns
tHPA
Px ACK to
↑PCLK Hold Time (x = A, B, C)
Full
IV
0.90
ns
PARALLEL OUTPUT PORT TIMING REQUIREMENTS (SLAVE)
tPCLK
PCLK Period
Full
IV
5.0
ns
tPCLKL
PCLK Low Period
Full
IV
1.7
0.5 × tPCLK
ns
tPCLKH
PCLK High Period
Full
IV
0.7
0.5 × tPCLK
ns
tDPREQ
↑PCLK to ↑Px REQ Delay (x = A, B, C)
Full
IV
4.72
8.87
ns
tDPP
↑PCLK to Px[15:0] Delay (x = A, B, C)
Full
IV
4.8
8.48
ns
tDPIQ
↑PCLK to Px IQ Delay (x = A, B, C)
Full
IV
4.83
10.94
ns
tDPCH
↑PCLK to Px CH[2:0] Delay (x = A, B, C)
Full
IV
4.88
10.09
ns
tDPGAIN
↑PCLK to Px Gain Delay (x = A, B, C)
Full
IV
5.08
11.49
ns
tSPA
Px ACK to
↓PCLK Setup Time (x = A, B, C)
Full
IV
6.09
ns
tHPA
Px ACK to
↓PCLK Hold Time (x = A, B, C)
Full
IV
1.0
ns
MISC PINS TIMING REQUIREMENTS
tRESET
RESET Width Low
Full
IV
30
ns
tDIRP
CPUCLK/SCLK to IRP Delay
Full
V
7.5
ns
tSSYNC
SYNC(0, 1, 2, 3) to
↑CLK Setup Time
Full
IV
0.87
ns
tHSYNC
SYNC(0, 1, 2, 3) to
↑CLK Hold Time
Full
IV
0.67
ns
1 All timing specifications are valid over the VDDCORE range of 1.7 V to 1.9 V, and the VDDIO range of 3.0 V to 3.6 V.
2 CLOAD = 40 pF on all outputs, unless otherwise noted.
3 These timing parameters are derived from the ADC ENC rate with DDC CLK driven directly from ADC DR output.


유사한 부품 번호 - AD6654

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
More results

유사한 설명 - AD6654

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
logo
Linear Technology
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
logo
Analog Devices
AD6652 AD-AD6652 Datasheet
1Mb / 76P
   12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
   12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
[Old version datasheet]   14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
[Old version datasheet]   14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com