전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA00COM-IN12S-1SW-B-03 데이터시트(PDF) 5 Page - ITT Industries

부품명 CA00COM-IN12S-1SW-B-03
상세설명  Industrial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

CA00COM-IN12S-1SW-B-03 데이터시트(HTML) 5 Page - ITT Industries

  CA00COM-IN12S-1SW-B-03 Datasheet HTML 1Page - ITT Industries CA00COM-IN12S-1SW-B-03 Datasheet HTML 2Page - ITT Industries CA00COM-IN12S-1SW-B-03 Datasheet HTML 3Page - ITT Industries CA00COM-IN12S-1SW-B-03 Datasheet HTML 4Page - ITT Industries CA00COM-IN12S-1SW-B-03 Datasheet HTML 5Page - ITT Industries CA00COM-IN12S-1SW-B-03 Datasheet HTML 6Page - ITT Industries CA00COM-IN12S-1SW-B-03 Datasheet HTML 7Page - ITT Industries CA00COM-IN12S-1SW-B-03 Datasheet HTML 8Page - ITT Industries CA00COM-IN12S-1SW-B-03 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
CA-COM
Shell size
Contact
Number of
Contact size
Wire size
Service rating
arrangement
contacts
metric
mm2
nach IEC
10SL
10SL-3
3
15S
0,75 – 1,5
A
10SL-4
2
15S
0,75 – 1,5
A
12S
12SA10
4
15S
0,75 – 1,5
A
14S
14S-2
4
15S
0,75 – 1,5
Inst.
14S-5
5
15S
0,75 – 1,5
Inst.
14S-6
6
15S
0,75 – 1,5
Inst.
14SA7
7
15S
0,75 – 1,5
Inst.
16
16-10
3
25
2,0 – 3,0
A
16S
16S-1
7
15S
0,75 – 1,5
A
18
18-1
10
15
0,75 – 1,5
A (B, C, F, G)
Inst. (all others)
18-8
7 + 1
15 + 25
1 – 1,5 + 2,5
A
18-10
4
25
2,0 – 3,0
A
18-11
5
25
2,0 – 3,0
A
18-12
6
15
0,75 – 1,5
A
20
20-15
7
25
2,0 – 3,0
A
20-17
1
15
0,75 – 1,5
A
5
25
2,0 – 3,0
A
20-19
3
100
10
A
20-27
14
15
0,75 – 1,5
A
20-29
17
15
0,75 – 1,5
A
22
22-14
19
15
0,75 – 1,5
A
22-19
14
15
0,75 – 1,5
A
22-23
8
25
2,0 – 3,0
D (H)
24
24-28
24
15
0,75 – 1,5
Inst.
28
28-15
35
15
0,75 – 1,5
A
Additional contact arrangements (per MIL-C-5015 and VG95234) upon request.
Wire selection
Contact size
Wire sizes for crimp and solder contacts
Metric
Metric
Conductor
mm2
∅ mm2
15S
0,75 – 1,5
1,6 – 3,3
15
0,75 – 1,5
1,6 – 3,3
25
2,0 – 3,0
2,9 – 4,3
100
10,0
4,2 – 6,5
Stripping lengths of wires
Strip wires carefully. Do not damage conductors and insulation.
For solder connections, wires have to be pretinned. Do not twist conductors used in
crimp contacts, otherwise no perfect crimp connection will be achieved. Do not touch
conductors before crimping. Film of grease or lubricants on the strands will cause poor
crimp quality.
Stripping length for contacts sizes 15S, 15 and 25 is 6,2 mm.
On pages 6 – 8 the contact arrangements are shown by shell sizes. The table below
gives an overview on the number of contacts, recommended contact and wire sizes and
the service rating class. Other contact arrangements acc. to MIL-C-5015 and VG 95234
upon request.
Contact arrangements
#1171_CA-COM_englisch_250900
18.10.2000, 8:20 Uhr
5


유사한 부품 번호 - CA00COM-IN12S-1SW-B-03

제조업체부품명데이터시트상세설명
logo
ITT Industries
CA00COM-E18-1PW-B-01 ITT-CA00COM-E18-1PW-B-01 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-01 ITT-CA00COM-E18-1PW-B-01 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-03 ITT-CA00COM-E18-1PW-B-03 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-03 ITT-CA00COM-E18-1PW-B-03 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-06 ITT-CA00COM-E18-1PW-B-06 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
More results

유사한 설명 - CA00COM-IN12S-1SW-B-03

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
   Industrial Circular Connectors
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
ITT Industries
CA06COME20-27PB ITT-CA06COME20-27PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA02COME14S-5PB ITT-CA02COME14S-5PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com