전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD36NH02L 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STD36NH02L
상세설명  N-channel 24V - 0.011ohm - 30A - DPAK STripFET III Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD36NH02L 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STD36NH02L Datasheet HTML 4Page - STMicroelectronics STD36NH02L Datasheet HTML 5Page - STMicroelectronics STD36NH02L Datasheet HTML 6Page - STMicroelectronics STD36NH02L Datasheet HTML 7Page - STMicroelectronics STD36NH02L Datasheet HTML 8Page - STMicroelectronics STD36NH02L Datasheet HTML 9Page - STMicroelectronics STD36NH02L Datasheet HTML 10Page - STMicroelectronics STD36NH02L Datasheet HTML 11Page - STMicroelectronics STD36NH02L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuit
STD36NH02L
8/13
3
Test circuit
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped inductive load test
circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform


유사한 부품 번호 - STD36NH02L

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
STD360BLK VCC-STD360BLK Datasheet
67Kb / 1P
   STD
logo
AUK corp
STD361 AUK-STD361 Datasheet
258Kb / 4P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STD361 KODENSHI-STD361 Datasheet
294Kb / 4P
   NPN Silicon Transistor
STD361 KODENSHI-STD361 Datasheet
294Kb / 4P
   NPN Silicon Transistor
logo
STMicroelectronics
STD36P4LLF6 STMICROELECTRONICS-STD36P4LLF6 Datasheet
450Kb / 16P
   P-channel 40 V, 0.0175 廓 typ.,36 A, STripFET??F6 Power MOSFET in a DPAK package
March 2015 Rev 2
More results

유사한 설명 - STD36NH02L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STB50NH02L STMICROELECTRONICS-STB50NH02L Datasheet
415Kb / 11P
   N-CHANNEL 24V - 0.011ohm - 50A D짼PAK STripFET??III POWER MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com